Electronic Components Datasheet Search
  English  ▼

X  

TPS65217ARSLT Datasheet (PDF) - Texas Instruments

TPS65217ARSLT Datasheet PDF - Texas Instruments
Part # TPS65217ARSLT
Download  TPS65217ARSLT Download
File Size   2070.3 Kbytes
Page   94 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65217x Single-Chip PMIC for Battery-Powered Systems

TPS65217ARSLT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65217ARSLT Datasheet PDF - Texas Instruments

Part # TPS65217ARSLT
Download  TPS65217ARSLT Click to download

File Size   2070.3 Kbytes
Page   94 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65217x Single-Chip PMIC for Battery-Powered Systems

TPS65217ARSLT Datasheet (HTML) - Texas Instruments


TPS65217ARSLT Product details

1 Features
1• Charger and Power Path
– 2-A Output Current on Power Path
– Linear Charger; 700-mA Maximum Charge
Current
– 20-V Tolerant USB and AC Inputs
– Thermal Regulation, Safety Timers
– Temperature Sense Input
• Step-Down Converter (DCDC1, DCDC2,
DCDC3)
– Three Step-Down Converter With Integrated
Switching FETs
– 2.25-MHz Fixed Frequency Operation
– Power-Save Mode at Light-Load Current
– Output Voltage Accuracy in PWM Mode ±2%
– 100% Duty Cycle for Lowest Dropout
– Typical 15-μA Quiescent per Converter
– Passive Discharge to Ground When Disabled
• LDO Regulators (LDO1, LDO2)
– Two Adjustable LDOs
– LDO2 can be Configured to Track DCDC3
– Typical 15-μA Quiescent Current
• Load Switches (LDO3, LDO4)
– Two Independent Load Switches That Can Be
Configured as LDOs
• WLED Driver
– Internally Generated PWM for Dimming
Control
– 38-V Open-LED Protection
– Supports Two Strings of up to 10 LEDs at
25 mA Each
– Internal Low-Side Current Sinks
• Protection
– Undervoltage Lockout and Battery Fault
Comparator
– Always-On Push-Button Monitor
– Hardware Reset Pin
– Password Protected I2C Registers
• Interface
– I2C Interface (Address 0x24)
– Password-Protected I2C Registers

2 Applications
• Sitara™ AM335x Processor Power
• Portable Navigation Systems
• Tablet Computing
• 5-V Industrial Equipment

3 Description
The TPS65217x is a single-chip power management
IC (PMIC) specifically designed to power the AM335x
ARM® Cortex®-A8 processor in portable and 5-V linepowered
applications. The PMIC device provides a
linear battery charger for single-cell Li-ion and Lipolymer
batteries, dual-input power path, three stepdown
converters, four low-dropout (LDO) regulators,
and a high-efficiency boost converter to power two
strings of up to 10 LEDs each. The system can be
supplied by any combination of USB port, 5-V AC
adaptor, or Li-Ion battery. The device is characterized
across a –40°C to +105°C temperature range which
makes it suitable for industrial applications. Three
high-efficiency 2.25-MHz step-down converters can
providing the core voltage, memory, and I/O voltage
for a system. The TPS65217x device comes in a 48-
pin leadless package (6-mm × 6-mm VQFN) with a
0.4-mm pitch.




Similar Part No. - TPS65217ARSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217ARSLT TI1-TPS65217ARSLT Datasheet
1Mb / 88P
SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217ARSLT TI1-TPS65217ARSLT Datasheet
1Mb / 86P
SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217ARSLT TI-TPS65217ARSLT Datasheet
1Mb / 86P
SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217ARSLT TI1-TPS65217ARSLT Datasheet
2Mb / 89P
Single-Chip PMIC for Battery-Powered Systems
More results


Similar Description - TPS65217ARSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
Single Chip Power Solution for Battery Powered Systems
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
Single-Chip PMIC for Battery-Powered Systems
logo
Rohm
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
System PMIC for Battery Powered Systems
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
Programmable PMIC for Battery-Powered Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com