Electronic Components Datasheet Search
  English  ▼

X  

TPS650250 Datasheet (PDF) - Texas Instruments

TPS650250 Datasheet PDF - Texas Instruments
Part # TPS650250
Download  TPS650250 Download
File Size   1469.18 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS650250 Power Management IC (PMIC) for SoCs and Multirail Subsystems

TPS650250 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS650250 Datasheet PDF - Texas Instruments

Part # TPS650250
Download  TPS650250 Click to download

File Size   1469.18 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS650250 Power Management IC (PMIC) for SoCs and Multirail Subsystems

TPS650250 Datasheet (HTML) - Texas Instruments


TPS650250 Product details

1 Features
1• 1.6 A, 97% Efficient Step-Down Converter for
System Voltage (VDCDC1)
– 3.3 V, 2.8 V, or Adjustable
• 0.8 A, up to 95% Efficient Step-Down Converter
for Memory Voltage (VDCDC2)
– 1.8 V, 2.5 V, or Adjustable
• 0.8 A, 90% Efficient Step-Down Converter for
Processor Core (VDCDC3)
• Adjustable Output Voltage on VDCDC3
• 30-mA LDO for Vdd_alive
• 2 × 200 mA General-Purpose LDOs (LDO1 and
LDO2)
• Dynamic Voltage Management for Processor Core
• LDO1 and LDO2 Voltage Externally Adjustable
• Separate Enable Pins for Inductive Converters
• 2.25-MHz Switching Frequency
• 85-μA Quiescent Current
• Thermal Shutdown Protection

2 Applications
• Cellular, Smart Phones
• GPS
• Digital Still Cameras
• Split Supply DSP and μP Solutions
• Samsung ARM-Based Processors

3 Description
The TPS650250 device is an integrated power
management IC for applications requiring multiple
power rails. The TPS650250 provides three highly
efficient, step-down converters targeted at providing
the core voltage, peripheral, I/O and memory rails in
a processor-based system. All three step-down
converters, controlled by the MODE pin, enter a lowpower
mode at light load for maximum efficiency or
operate in forced fixed frequency PWM mode.
The TPS650250 device integrates two generalpurpose
200-mA LDO voltage regulators. Both LDOs
operate with an input voltage range from 1.5 V to 6.5
V, allowing them to be supplied from one of the stepdown
converters. The output voltage of all rails can
be set with an external resistor divider and enabled
with an input pin. Additionally, a 30-mA LDO is
typically used to provide power to an always-on rail.




Similar Part No. - TPS650250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250QRHBRQ1 TI1-TPS650250QRHBRQ1 Datasheet
919Kb / 32P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250RHBR TI-TPS650250RHBR Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
TPS650250RHBT TI-TPS650250RHBT Datasheet
1Mb / 35P
Power Management IC for Li-Ion Powered Systems
More results


Similar Description - TPS650250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8725 TI1-LP8725 Datasheet
1Mb / 46P
LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
System Power Management IC (PMIC) for applications
logo
Texas Instruments
TPS6521825 TI1-TPS6521825 Datasheet
1Mb / 107P
TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
TPS6521825 TI1-TPS6521825_V01 Datasheet
1Mb / 109P
TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
TPS6521835 TI-TPS6521835 Datasheet
1Mb / 85P
TPS6521835 Power Management IC (PMIC) for NXP i.MX 6ULL, 6ULZ, and 6UltraLite
TPS6521845 TI-TPS6521845 Datasheet
1Mb / 86P
TPS6521845 Power Management IC (PMIC) for NXP i.MX 6Solo and 6DualLite
TPS6521855 TI-TPS6521855 Datasheet
2Mb / 94P
TPS6521855 Power Management IC (PMIC) for AM64x Arm짰Cortex짰-A53 Processors
logo
ON Semiconductor
NCV97400 ONSEMI-NCV97400 Datasheet
791Kb / 28P
Automotive Multi-Output Power Management IC (PMIC) for Safety Applications
March, 2019 ??Rev. 0
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Nordic Semiconductor
NPM1100 NORDIC-NPM1100 Datasheet
1Mb / 2P
Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com