Electronic Components Datasheet Search
  English  ▼

X  

TPS560430 Datasheet (PDF) - Texas Instruments

TPS560430 Datasheet PDF - Texas Instruments
Part # TPS560430
Download  TPS560430 Download
File Size   1023.08 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS560430 SIMPLE SWITCHER® 4-V to 36-V, 600-mA Synchronous Step-Down Converter

TPS560430 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS560430 Datasheet PDF - Texas Instruments

Part # TPS560430
Download  TPS560430 Click to download

File Size   1023.08 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS560430 SIMPLE SWITCHER® 4-V to 36-V, 600-mA Synchronous Step-Down Converter

TPS560430 Datasheet (HTML) - Texas Instruments


TPS560430 Product details

1 Features
1• Configured for Rugged Industrial Applications
– Input Voltage Range: 4 V to 36 V
– 600-mA Continuous Output Current
– Minimum Switching-On Time: 60 ns
– 98% Maximum Duty Cycle
– Support Startup with Pre-Biased Output
– Short Circuit Protection with Hiccup Mode
– ±1.5% Tolerance Voltage Reference over
Temperature from –40°C to 125°C
– Precision Enable
• Small Solution Size and Ease of Use
– Integrated Synchronous Rectification
– Internal Compensation for Ease of Use
– SOT-23-6 Package
• Various Options in Pin-to-Pin Compatible Package
– 1.1-MHz and 2.1-MHz Frequency Options
– PFM and Forced PWM (FPWM) Options
– Fixed 3.3-V Output Option
• Create a Custom Design Using the TPS560430
With the WEBENCH® Power Designer

2 Applications
• Grid Infrastructure: Advanced Metering
Infrastructure
• Motor Drive: AC Inverters, VF Drives, Servos,
Field Actuators
• Factory and Building Automation: PLC, Industrial
PC, Elevator Control, HVAC Control
• Aftermarket Automotive: Camera
• General Purpose Wide VIN Power Supplies

3 Description
The TPS560430 is an easy to use synchronous stepdown
DC-DC converter capable of driving up to 600-
mA load current. With a wide input range of 4 V to 36
V, the device is suitable for a wide range of
applications from industrial to automotive for power
conditioning from an unregulated source.
The TPS560430 has 1.1-MHz and 2.1-MHz operating
frequency versions for either high efficiency or small
solution size. The TPS560430 also has FPWM
(forced PWM) version to achieve constant frequency
and small output voltage ripple over the full load
range. Soft-start and compensation circuits are
implemented internally which allows the device to be
used with minimum external components.
The device has built-in protection features, such as
cycle-by-cycle current limit, hiccup mode short-circuit
protection, and thermal shutdown in case of
excessive power dissipation. The TPS560430 is
available in SOT-23-6 package.




Similar Part No. - TPS560430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS560430 TI1-TPS560430 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430 TI1-TPS560430 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430 TI1-TPS560430 Datasheet
1Mb / 31P
SIMPLE SWITCHER 4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430 TI1-TPS560430 Datasheet
735Kb / 31P
SIMPLE SWITCHER 4-V to 36-V, 600-mA synchronous step-down converter
TPS560430 TI1-TPS560430 Datasheet
736Kb / 31P
TPS560430-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 600-mA synchronous step-down converter
More results


Similar Description - TPS560430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
TPS560430 TI1-TPS560430 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430 TI1-TPS560430_17 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
TPS560430 TI1-TPS560430_18 Datasheet
1Mb / 31P
SIMPLE SWITCHER 4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430-Q1 TI1-TPS560430-Q1 Datasheet
735Kb / 31P
SIMPLE SWITCHER 4-V to 36-V, 600-mA synchronous step-down converter
TPS560430-Q1 TI1-TPS560430-Q1_V01 Datasheet
736Kb / 31P
TPS560430-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 600-mA synchronous step-down converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com