Electronic Components Datasheet Search
  English  ▼

X  

TPS542941 Datasheet (PDF) - Texas Instruments

TPS542941 Datasheet PDF - Texas Instruments
Part # TPS542941
Download  TPS542941 Download
File Size   1559.51 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET

TPS542941 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS542941 Datasheet PDF - Texas Instruments

Part # TPS542941
Download  TPS542941 Click to download

File Size   1559.51 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET

TPS542941 Datasheet (HTML) - Texas Instruments


TPS542941 Product details

1FEATURES
2• D-CAP2™ Control Mode
– Fast Transient Response
– No External Parts Required For Loop
Compensation
– Compatible with Ceramic Output
Capacitors
• Wide Input Voltage Range : 4.5 V to 18 V
• Output Voltage Range : 0.76V to 7V
• Highly Efficient Integrated FETs Optimized for
Low Duty Cycle Applications D–
150 mΩ (High Side) and 100 mΩ (Low Side)
• High Initial Reference Accuracy
• 2A CH1 / 3A CH2 Continuous Load Current
• Low-Side r DS(on) Loss-Less Current Sensing
• Fixed Soft Start : 1.0ms
• Non-Sinking Pre-Biased Soft Start
• Powergood
• 700 kHz Switching Frequency
• Cycle-by-Cycle Over-Current Limit Control
• OCL/UVLO/TSD Protections
• Hiccup Timer for Overload Protection
• Adaptive Gate Drivers with Integrated Boost
PMOS Switch
• OCP Constant Due To Thermally Compensated
rDS(on) with 4000ppm/℃
• 16-Pin HTSSOP, 16-Pin VQFN
• Auto-Skip Eco-mode™ for High Efficiency at
Light Load

APPLICATIONS
• Point-of-Load Regulation in Low Power
Systems for Wide Range of Applications
– Digital TV Power Supply
– Networking Home Terminal
– Digital Set Top Box (STB)
– DVD Player/Recorder
– Gaming Consoles and Other

DESCRIPTION
The TPS542941 is a dual, adaptive on-time D–
CAP2™ mode synchronous buck converter. The TPS542941 enables system designers to complete
the suite of various end equipment’s power bus
regulators with a cost effective, low component count,
and low standby current solution. The main control
loops of the TPS542941 use the D-CAP2™ mode
control which provides a very fast transient response
with no external compensation components. The
adaptive on-time control supports seamless transition
between PWM mode at higher load conditions and Eco-mode™ operation at light loads. Eco-mode™
allows the TPS542941 to maintain high efficiency
during lighter load conditions. The TPS542941 is able
to adapt to both low equivalent series resistance (ESR) output capacitors such as POSCAP or SP-
CAP, and ultra-low ESR, ceramic capacitors. The
device provides convenient and efficient operation
with input voltages from 4.5V to 18V.
The TPS542941 is available in a 4.4mm × 5.0mm 16
pin TSSOP (PWP) package, and 4mm x 4mm 16-pin
VQFN (RSA) package specified for an ambient
temperature range from –40°C to 85°C.




Similar Part No. - TPS542941

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
1Mb / 29P
2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941PWP TI1-TPS542941PWP Datasheet
898Kb / 23P
2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941PWP TI1-TPS542941PWP Datasheet
1Mb / 29P
2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941PWPR TI1-TPS542941PWPR Datasheet
898Kb / 23P
2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Similar Description - TPS542941

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI-TPS542941_15 Datasheet
1Mb / 29P
2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com