Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet (PDF) - Texas Instruments

TPS63805 Datasheet PDF - Texas Instruments
Part # TPS63805
Download  TPS63805 Download
File Size   2413.06 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS63802 2-A, High-efficient, Low IQ Buck-boost Converter in DFN Package

TPS63805 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS63805 Datasheet PDF - Texas Instruments

Part # TPS63805
Download  TPS63805 Click to download

File Size   2413.06 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS63802 2-A, High-efficient, Low IQ Buck-boost Converter in DFN Package

TPS63805 Datasheet (HTML) - Texas Instruments


TPS63805 Product details

1 Features
• Input voltage range: 1.3 V to 5.5 V
– Device input voltage > 1.8 V for start-up
• Output voltage range: 1.8 V to 5.2 V (adjustable)
• 2-A output current for VI ≥ 2.3 V, VO = 3.3 V
• High efficiency over the entire load range
– 11-μA operating quiescent current
– Power save mode and mode selection for
forced PWM-mode
• Peak current buck-boost mode architecture
– Defined transition points between buck, buckboost,
and boost operation modes
– Forward and reverse current operation
– Start-up into pre-biased outputs
• Safety and robust operation features
– Integrated soft start
– Overtemperature- and overvoltage-protection
– True shutdown function with load disconnect
– Forward and backward current limit
• Small solution size of 21.5 mm2
– Tiny SON/DFN package (similar to QFN)
– Small 0.47-μH inductor
– Works with a 22-μF minimum output capacitor
• Create a custom design using the TPS63802 with
the WEBENCH® Power Designer

2 Applications
• System pre-regulator (tracking and telematics,
portable POS, home automation, IP network
camera)
• Point-of-load regulation (wired sensor, port/cable
adapter and dongle, electronic smart lock, IoT)
• Battery back-up supply (electricity meter, data
concentrator, power quality meter)
• Thermoelectric device supply (TEC, optical
modules)
• General purpose voltage stabilizer and converter

3 Description
The TPS63802 is a high efficiency, high output current
buck-boost converter. Depending on the input voltage,
it automatically operates in boost, buck, or in a novel
4-cycle buck-boost mode when the input voltage is
approximately equal to the output voltage. The
transitions between modes happen at defined
thresholds and avoid unwanted toggling within the
modes to reduce output voltage ripple. The device
output voltages are individually set by a resistive
divider within a wide output voltage range. An 11-μA
quiescent current enables the highest efficiency for
little to no-load conditions.




Similar Part No. - TPS63805

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63805 TI1-TPS63805 Datasheet
559Kb / 21P
High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63805 TI1-TPS63805 Datasheet
560Kb / 22P
High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63805 TI1-TPS63805 Datasheet
3Mb / 46P
TPS6380x 2-A, High-efficient, Low IQ Buck-boost Converter with Small Solution Size
TPS63805 TI-TPS63805 Datasheet
3Mb / 42P
TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
AUGUST 2021
TPS63805 TI2-TPS63805 Datasheet
2Mb / 38P
TPS63802 2-A, High-efficient, Low IQ Buck-boost Converter in DFN Package
REVISED JANUARY 2021
More results


Similar Description - TPS63805

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI-TPS63010_10 Datasheet
707Kb / 28P
HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_12 Datasheet
739Kb / 29P
HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
logo
Intersil Corporation
ISL80030 INTERSIL-ISL80030 Datasheet
925Kb / 20P
3A Synchronous Buck Converter In 2x2 DFN Package
July 20, 2015
logo
Renesas Technology Corp
ISL80030 RENESAS-ISL80030 Datasheet
1Mb / 20P
3A Synchronous Buck Converter in 2x2 DFN Package
logo
Texas Instruments
TPS63802 TI1-TPS63802 Datasheet
1Mb / 28P
2-A, High-Efficient, Low IQ Buck-Boost Converter with Small Solution Size
TPS63805 TI1-TPS63805_V01 Datasheet
3Mb / 46P
TPS6380x 2-A, High-efficient, Low IQ Buck-boost Converter with Small Solution Size
logo
Analog Devices
MAX77348A AD-MAX77348A Datasheet
1Mb / 31P
Ultra-Low IQ, Low-Noise 3.5W Buck-Boost Converter
Rev 0; 10/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com