Electronic Components Datasheet Search
  English  ▼

X  

TPS63060 Datasheet (PDF) - Texas Instruments

TPS63060 Datasheet PDF - Texas Instruments
Part # TPS63060
Download  TPS63060 Download
File Size   3132.92 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6306x High Input Voltage, Buck-Boost Converter With 2-A Switch Current

TPS63060 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS63060 Datasheet PDF - Texas Instruments

Part # TPS63060
Download  TPS63060 Click to download

File Size   3132.92 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6306x High Input Voltage, Buck-Boost Converter With 2-A Switch Current

TPS63060 Datasheet (HTML) - Texas Instruments


TPS63060 Product details

1 Features
• Input voltage range: 2.5 V to 12 V
• Efficiency: Up to 93%
• Output current at 5 V (VIN < 10 V):
2 A in buck mode
• Output current at 5 V (VIN > 4 V):
1.3 A in boost mode
• Automatic transition between step down and boost
mode
• Typical device quiescent current: < 30 μA
• Fixed and adjustable output voltage options from
2.5 V to 8 V
• Power save mode for improved efficiency at low
output power
• Forced fixed-frequency operation at 2.4 MHz and
synchronization possible
• Power good output
• Buck-Boost Overlap Control™
• Load disconnect during shutdown
• Overtemperature protection
• Overvoltage protection

2 Applications
• Dual Li-ion application
• Digital still cameras (DSC) and camcorders
• Notebook computer
• Industrial metering equipment
• Ultra mobile PCs and mobile internet devices
• Personal medical products
• High-power LEDs

3 Description
The TPS6306x devices provide a power supply
solution for products powered by either three-cell up
to six-cell alkaline, NiCd or NiMH battery, or a one-cell
or dual-cell Li-Ion or Li-polymer battery. Output
currents can go as high as 2 A while using a dual-cell
Li-Ion or Li-polymer battery, and discharge to 5 V or
lower. The buck-boost converter is based on a fixed
frequency, pulse width modulation (PWM) controller
using synchronous rectification to obtain maximum
efficiency. At low load currents, the converter enters
power save mode to maintain high efficiency over a
wide load current range. The power save mode can
be disabled, forcing the converter to operate at a fixed
switching frequency. The maximum average current in
the switches is limited to a typical value of 2.25 A. The
output voltage is programmable using an external
resistor divider, or is fixed internally on the chip. The
converter can be disabled to minimize battery drain.
During shutdown, the load disconnects from the
battery.
The devices are available in a 3 mm × 3 mm, 10-pin,
WSON (DSC) package.




Similar Part No. - TPS63060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63060 TI1-TPS63060 Datasheet
1Mb / 31P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060 TI1-TPS63060 Datasheet
1Mb / 29P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI1-TPS63060-EP Datasheet
1Mb / 29P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI1-TPS63060-EP_16 Datasheet
1Mb / 29P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
More results


Similar Description - TPS63060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63060 TI1-TPS63060 Datasheet
1Mb / 31P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63000-Q1 TI1-TPS63000-Q1 Datasheet
676Kb / 19P
HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCH
TPS61090 TI-TPS61090_15 Datasheet
960Kb / 27P
TPS6109x Synchronous Boost Converter With 2-A Switch
TPS63060 TI-TPS63060_15 Datasheet
2Mb / 30P
TPS6306x High Input Voltage, Buck-Boost Converter With 2-A Switch Current
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI1-TPS63060-EP_16 Datasheet
1Mb / 29P
HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63070 TI1-TPS63070 Datasheet
2Mb / 39P
2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
TPS63070 TI1-TPS63070_19 Datasheet
2Mb / 42P
2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
logo
Maxim Integrated Produc...
MAX77827 MAXIM-MAX77827 Datasheet
998Kb / 23P
5.5V Input, 1.8A/3.1A Switch Buck-Boost Converter with 6關A IQ
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com