Electronic Components Datasheet Search
  English  ▼

X  

TPS62740 Datasheet (PDF) - Texas Instruments

TPS62740 Datasheet PDF - Texas Instruments
Part # TPS62740
Download  TPS62740 Download
File Size   2797.51 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6274x 360nA IQ Step Down Converter For Low Power Applications

TPS62740 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62740 Datasheet PDF - Texas Instruments

Part # TPS62740
Download  TPS62740 Click to download

File Size   2797.51 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6274x 360nA IQ Step Down Converter For Low Power Applications

TPS62740 Datasheet (HTML) - Texas Instruments


TPS62740 Product details

1 Features
1• Input Voltage Range VIN from 2.2V to 5.5
• Typ. 360nA Quiescent Current
• Up to 90% Efficiency at 10μA Output Current
• Up to 300mA / 400mA Output Current
(TPS62740/TPS62742)
• RF Friendly DCS-Control TM
• Up to 2 MHz Switching Frequency
• Low Output Ripple Voltage
• 16 Selectable Output Voltages in 100mV Steps
between 1.8V to 3.3V
• Automatic Transition to No Ripple 100% Mode
• Slew Rate Controlled Load Switch
• Discharge Function on VOUT / LOAD
• Power Good Output
• Optimized for Operation with a Tiny 2.2μH
Inductor and 10μF COUT
• Total Solution Size <31mm2
• Small 2 x 3 mm2 WSON Package

2 Applications
• Bluetooth® Low Energy, RF4CE, Zigbee
• Industrial Metering
• Energy Harvesting

3 Description
The TPS6274x is industry's first step down converter
featuring typ. 360nA quiescent current and operating with a tiny 2.2μH inductor and 10μF output capacitor.
This new DCS-Control™ based device extends the
light load efficiency range below 10μA load currents.
TPS62740 supports output currents up to 300mA,
TPS62742 up to 400mA. The device operates from
rechargeable Li-Ion batteries, Li-primary battery
chemistries such as Li-SOCl2, Li-MnO2 and two or
three cell alkaline batteries. The input voltage range
up to 5.5V allows also operation from a USB port and
thin-film solar modules. The output voltage is user selectable by four VSEL pins within a range from
1.8V to 3.3V in 100mV steps. TPS6274x features low
output ripple voltage and low noise with a small
output capacitor. Once the battery voltage comes
close to the output voltage (close to 100% duty cycle)
the device enters no ripple 100% mode operation to
prevent an increase of output ripple voltage. The
device then stops switching and the output is
connected to the input voltage. The integrated slew
rate controlled load switch provides typ. 0.6Ω on-
resistance and can distribute the selected output
voltage to a temporarily used sub-system. The
TPS6274x is available in a small 12 pin 2 × 3mm2
WSON package and supports a total solutions size of
31mm2.




Similar Part No. - TPS62740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
360nA IQ Step Down Converter for Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
2Mb / 32P
360nA IQ Step Down Converter For Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
3Mb / 32P
360nA IQ Step Down Converter for Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
2Mb / 32P
360nA IQ Step Down Converter For Low Power Applications
TPS62740DSST TI1-TPS62740DSST Datasheet
3Mb / 32P
360nA IQ Step Down Converter for Low Power Applications
More results


Similar Description - TPS62740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
360nA IQ Step Down Converter for Low Power Applications
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62740 TI1-TPS62740_16 Datasheet
2Mb / 32P
360nA IQ Step Down Converter For Low Power Applications
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS82740A TI1-TPS82740A_16 Datasheet
2Mb / 28P
MicroSIP Step Down Converter Module for Low Power Applications
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2269-D-00A MPS-EV2269-D-00A Datasheet
759Kb / 6P
30V, 1A, Low IQ Step-Down Converter Evaluation Board
logo
ELMOS Semiconductor AG
E522.71 ELMOS-E522.71 Datasheet
307Kb / 2P
LOW POWER STEP DOWN CONVERTER
logo
Richtek Technology Corp...
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com