Electronic Components Datasheet Search
  English  ▼

X  

TPS62170 Datasheet (PDF) - Texas Instruments

TPS62170 Datasheet PDF - Texas Instruments
Part # TPS62170
Download  TPS62170 Download
File Size   2467.18 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6217x 3-V to 17-V, 0.5-A Step-Down Converters with DCS-Control™

TPS62170 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62170 Datasheet PDF - Texas Instruments

Part # TPS62170
Download  TPS62170 Click to download

File Size   2467.18 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6217x 3-V to 17-V, 0.5-A Step-Down Converters with DCS-Control™

TPS62170 Datasheet (HTML) - Texas Instruments


TPS62170 Product details

1 Features
1• DCS-Control™ Topology
• Input Voltage Range from 3 V to 17 V
• Up to 500-mA Output Current
• Adjustable Output Voltage from 0.9 V to 6 V
• Fixed Output Voltage Versions
• Seamless Power Save Mode Transition
• Typically 17-μA Quiescent Current
• Power Good Output
• 100% Duty Cycle Mode
• Short Circuit Protection
• Over Temperature Protection
• Pin to Pin Compatible with TPS62160 and
TPS62125
• Available in a 2-mm × 2-mm 8-Pin WSON
Package
• Create a Custom Design using the TPS62170 with
the WEBENCH® Power Designer

2 Applications
• Standard 12-V Rail Supplies
• POL Supply from Single or Multiple Li-Ion Battery
• LDO Replacement
• Embedded Systems
• Digital Still Camera, Video
• Mobile PCs, Tablet-PCs, Modems

3 Description
The TPS6217x device family are easy to use
synchronous step-down DC-DC converters optimized
for applications with high power density. A high
switching frequency of typically 2.25 MHz allows the
use of small inductors and provides fast transient
response as well as high output voltage accuracy by
utilization of the DCS-Control™ topology.
With its wide operating input voltage range of 3 V to
17 V, the devices are ideally suited for systems
powered from either a Li-Ion or other battery as well
as from 12-V intermediate power rails. It supports up
to 0.5-A continuous output current at output voltages
between 0.9 V and 6 V (with 100% duty cycle mode).
Power sequencing is also possible by configuring the
enable and open-drain power good pins.
In power save mode, the devices show quiescent
current of about 17 μA from VIN. Power save mode,
entered automatically and seamlessly if the load is
small, maintains high efficiency over the entire load
range. In shutdown mode, the device is turned off
and shutdown current consumption is less than 2 μA.
The device, available in adjustable and fixed output
voltage versions, is packaged in a 2-mm × 2-mm 8-
pin WSON package (DSG).




Similar Part No. - TPS62170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62170-Q1 TI1-TPS62170-Q1 Datasheet
1Mb / 33P
3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62170DSG TI1-TPS62170DSG Datasheet
1Mb / 33P
3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62170DSG TI1-TPS62170DSG Datasheet
1Mb / 15P
TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
More results


Similar Description - TPS62170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62170-Q1 TI1-TPS62170-Q1 Datasheet
1Mb / 33P
3-V to17-V 0.5-A Step-Down Converters with DCS-Control
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
3-V to 17-V 1 A Step-Down Converter with DCS-Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com