Electronic Components Datasheet Search
  English  ▼

X  

TPS62110 Datasheet (PDF) - Texas Instruments

TPS62110 Datasheet PDF - Texas Instruments
Part # TPS62110
Download  TPS62110 Download
File Size   1304.48 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter

TPS62110 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62110 Datasheet PDF - Texas Instruments

Part # TPS62110
Download  TPS62110 Click to download

File Size   1304.48 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter

TPS62110 Datasheet (HTML) - Texas Instruments


TPS62110 Product details

1 Features
1• High-Efficiency Synchronous Step-Down
Converter With up to 95% Efficiency
• 3.1-V to 17-V Operating Input Voltage Range
• Adjustable Output Voltage Range: 1.2 V to 16 V
• Fixed Output Voltage Options Available in
3.3 V and 5 V
• Synchronizable to External Clock: Up to 1.4 MHz
• Up to 1.5-A Output Current
• High Efficiency Over a Wide Load-Current
Range Due to PFM/PWM Operation Mode
• 100% Maximum Duty Cycle for Lowest Dropout
• 20-μA Quiescent Current (Typical)
• Overtemperature and Overcurrent Protected
• Available in 16-Pin VQFN Package

2 Applications
• Point-of-Load Regulation From 12-V Buses
• Organizers, PDAs, and Handheld PCs
• Handheld Scanners

3 Description
The TPS6211x devices are a family of low-noise
synchronous step-down DC-DC converters that are
ideally suited for systems powered from a 2- to 4-cell
Li-ion battery or from a 12-V or 15-V rail.
The TPS6211x devices are synchronous pulse width
modulation (PWM) converters with integrated N- and
P-channel power MOSFET switches. Synchronous
rectification is used to increase efficiency and to
reduce external component count. To achieve highest
efficiency over a wide load-current range, the
converter enters a power-saving, pulse frequency
modulation (PFM) mode at light load currents.
Operating frequency is typically 1 MHz, allowing the
use of small inductor and capacitor values. The
device can be synchronized to an external clock
signal in the range of 0.8 MHz to 1.4 MHz. For low-
noise operation, the converter can be operated in
PWM-only mode. In shutdown mode, the current
consumption is reduced to less than 2 μA. The
TPS6211x family of devices are available in the 16- pin (RSA) VQFN package, and operate over a free-
air temperature range of –40°C to 85°C.




Similar Part No. - TPS62110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110 Datasheet
1Mb / 158P
Digital Signal Controller (DSC)
TPS62110 TI-TPS62110 Datasheet
1Mb / 34P
TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
JULY 2005
TPS62110 TI2-TPS62110 Datasheet
819Kb / 27P
17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
REVISED FEBRUARY 2011
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
More results


Similar Description - TPS62110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110_15 Datasheet
1Mb / 34P
TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com