Electronic Components Datasheet Search
  English  ▼

X  

TPS61235P Datasheet (PDF) - Texas Instruments

TPS61235P Datasheet PDF - Texas Instruments
Part # TPS61235P
Download  TPS61235P Download
File Size   1127.53 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature

TPS61235P Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61235P Datasheet PDF - Texas Instruments

Part # TPS61235P
Download  TPS61235P Click to download

File Size   1127.53 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature

TPS61235P Datasheet (HTML) - Texas Instruments


TPS61235P Product details

1 Features
1• Up to 97% Efficiency Synchronous Boost
• Up to 3.5-A IOUT for 3.3-V to 5-V Conversion
• 10-A 14-mΩ/14-mΩ Internal Power Switches
• Programmable Constant Output Current
• Output Current Monitor
• 10-μA IQ under Light Load Condition
• Boost Status Indication
• True disconnection during shutdown
• Fixed 5.1-V Output Voltage (TPS61235P) or
Adjustable Output Voltage from 2.9-V to-5.5 V
(TPS61236P)
• 1-MHz Switching Frequency
• Softstart, Current Limit, Over Voltage and Over
Thermal Protections
• 2.5 mm x 2.5 mm VQFN Package

2 Applications
• Power Banks, Battery Backup Units
• USB Charging Port
• USB Type-C
• Battery Powered USB Hub
• Tablet PCs
• Battery Powered Products

3 Description
The TPS6123x is a high current, high efficiency
synchronous boost converter with constant output
current feature for single cell Li-Ion and Li-polymer
battery powered products, in a wide range of power
bank, tablet, and other portable devices. The IC
integrates 14-mΩ/14-mΩ power switches and is
capable of delivering up to a 3.5-A output current for
3.3-V to 5-V conversion with up to 97% high
efficiency. The device supports a programmable
constant output current to control power delivery, so
to save power path components and lower total
system thermal dissipation effectively.
The device only consumes a 10-μA quiescent current
under a light load condition, and can report load
status to the system, which make it very suitable for
Always-On applications. With the TPS6123x, a simple
and flexible system design can be achieved,
eliminating external power path components, saving
PCB space, and reducing BOM cost.
In shutdown, the output is completely disconnected
from the input, and current consumption is reduced to
less than 1 μA. Other features like soft start control,
reverse current blocking, over voltage protection, and
thermal shutdown protection are built-in for system
safety.
The devices are available in a 2.5-mm x 2.5-mm
VQFN package.




Similar Part No. - TPS61235P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61235P TI1-TPS61235P Datasheet
1Mb / 38P
TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
TPS61235PRWLR TI1-TPS61235PRWLR Datasheet
1Mb / 38P
TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
TPS61235PRWLT TI1-TPS61235PRWLT Datasheet
1Mb / 38P
TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
More results


Similar Description - TPS61235P

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
A723 ADDTEK-A723 Datasheet
76Kb / 1P
HIGH VOLTAGE BOOST DRIVER WITH 8 CHANNELS CONSTANT CURRENT REGULATORS
FEBRUARY 2009
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
Texas Instruments
TPS61260 TI-TPS61260_15 Datasheet
1Mb / 26P
TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
TPS61235P TI1-TPS61235P Datasheet
1Mb / 38P
TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
TPS61260 TI1-TPS61260_16 Datasheet
1Mb / 26P
TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
logo
Linear Technology
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
Shenzhen Huazhimei Semi...
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
Synchronous Buck-Boost DC/DC Constant Output Current Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com