Electronic Components Datasheet Search
  English  ▼

X  

TPS61230 Datasheet (PDF) - Texas Instruments

TPS61230 Datasheet PDF - Texas Instruments
Part # TPS61230
Download  TPS61230 Download
File Size   1541.96 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches

TPS61230 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61230 Datasheet PDF - Texas Instruments

Part # TPS61230
Download  TPS61230 Click to download

File Size   1541.96 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches

TPS61230 Datasheet (HTML) - Texas Instruments


TPS61230 Product details

1 Features
1• Input Voltage Range: 2.3 V to 5.5 V
• Output Voltage Range: 2.5 V to 5.5 V
• Up to 96% Efficiency Synchronous Boost
Converter
• 3.3-V to 5-V Power Conversion with 2.1-A Output
Current
• Input Supply Voltage Supervisor with Adjustable
Threshold/Hysteresis
• Power Save Mode for Light Load Efficiency
• Load Disconnect During Shutdown
• Output Over Voltage Protection
• Programmable Soft Start
• Power Good Output
• 2-MHz Switching Frequency
• Output Capacitor Discharge (TPS61231)
• 3 mm x 3 mm x 0.9 mm VSON Package

2 Applications
• Low Voltage Li-Ion Battery Powered Products
• USB Power Supply
• Tablet PCs
• Power Banks, Battery Backup Units
• Industrial Metering Equipments

3 Description
The TPS6123x device family is a high efficiency
synchronous step up converter with compact solution size. It is optimized for products powered by a one-
cell Li-Ion battery, or a regulated power rail of 3.3 V.
The IC integrates a 5-A switch and is capable of
delivering output currents up to 2.1 A at a 5-V output
with a 3.3-V input supply. The device is based on a
quasi-constant on-time valley current mode control
scheme. The typical operating frequency is 2 MHz,
which allows the use of small inductors and
capacitors to achieve a small solution size. The
TPS61230 and TPS61231 provide an adjustable
output voltage via an external resistor divider, and the TPS61232 provides a fixed output voltage of 5 V.
During light loads, the TPS6123x automatically enters
power save mode for maximum efficiency at lowest
quiescent currents. In shutdown, the load is
completely disconnected from the input, and the input
current consumption is reduced to 1.5 μA typical. The device integrates a precise low power EN
comparator. The EN threshold as well as the
hysteresis of the enable comparator are adjustable
with external resistors and support application
specific system power up and down requirements. Other features like output over voltage protection,
thermal shutdown protection, and a power good
output are built-in.
The devices are available in a 3 mm x 3 mm x 0.9
mm VSON package.




Similar Part No. - TPS61230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61230 TI1-TPS61230 Datasheet
1Mb / 31P
TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230A TI1-TPS61230A Datasheet
1Mb / 28P
TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
TPS61230A TI2-TPS61230A Datasheet
899Kb / 27P
TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
REVISED OCTOBER 2018
TPS61230ARNSR TI1-TPS61230ARNSR Datasheet
1Mb / 28P
TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
TPS61230ARNSR TI2-TPS61230ARNSR Datasheet
899Kb / 27P
TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
REVISED OCTOBER 2018
More results


Similar Description - TPS61230

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1832 MAXIM-MAX1832 Datasheet
511Kb / 12P
High-Efficiency Step-Up Converters with Reverse Battery Protection
19-1802; Rev 1; 10/03
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Richtek Technology Corp...
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
5 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Texas Instruments
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61235P TI1-TPS61235P Datasheet
1Mb / 38P
TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
E-CMOS Corporation
EC3689 E-CMOS-EC3689 Datasheet
515Kb / 8P
800KHz Synchronous Step-up Converter with 5.5A Switches
logo
Maxim Integrated Produc...
MAX1832 MAXIM-MAX1832_V01 Datasheet
1Mb / 14P
High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com