Electronic Components Datasheet Search
  English  ▼

X  

TPS60230RGTT Datasheet (PDF) - Texas Instruments

TPS60230RGTT Datasheet PDF - Texas Instruments
Part # TPS60230RGTT
Download  TPS60230RGTT Download
File Size   675.84 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL

TPS60230RGTT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS60230RGTT Datasheet PDF - Texas Instruments

Part # TPS60230RGTT
Download  TPS60230RGTT Click to download

File Size   675.84 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL

TPS60230RGTT Datasheet (HTML) - Texas Instruments


TPS60230RGTT Product details

FEATURES
· Regulated Output Current With 0.4%
Matching
· Drives up to 5 LEDs at 25 mA Each
· LED Brightness Control Through PWM
Control Signal
· High Efficiency by Fractional Conversion
With 1x and 1.5x Modes
· 1 MHz Switching Frequency
· 2.7 V to 6.5 V Operating Input Voltage Range
· Internal Softstart Limits Inrush Current Ad·
Low Input Ripple and Low EMI
· Overcurrent and Overtemperature Protected
· Undervoltage Lockout With Hysteresis
· Ultra-Small 3mm x 3mm QFN Package

APPLICATIONS
· White LED Backlight for Color Displays in
Cellular Phones, Smart Phones, PDAs,
Handheld PCs, Digital Cameras,
and Camcorders
· Key Backlight

DESCRIPTION
The TPS60230 charge pump is optimized for white
LED supplies in backlit color display applications. The
device provides a constant current, set by an external
resistor, for each LED. The supply voltage ranges from 2.7 V to 6.5 V and is ideally suited for all
applications powered by a single LI-Ion battery cell or
three to four NiCd, NiMH, or Alkaline battery cells.
The TPS60230 provides up to 25 mA per LED, for a
total of 125 mA, for input voltages ranging from 3.1 V
6.5 V. High efficiency is achieved by utilizing a
1x/1.5x fractional conversion technique in combi-
nation with very low dropout current sources. Ad·
ditionally, the current controlled charge pump ensures
low input current ripple and EMI. Only two external 1
and two 0.47 μF capacitors are required to build a
complete small and low cost power supply solution.
The TP60230 switches at 1 MHz operating frequency
and is available in a small 16-pin QFN (RGT)
package to keep board space to a minimum.




Similar Part No. - TPS60230RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60230RGTT TI1-TPS60230RGTT Datasheet
989Kb / 21P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230RGTT TI2-TPS60230RGTT Datasheet
666Kb / 21P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
REVISED JUNE 2004
TPS60230RGTT.B TI2-TPS60230RGTT.B Datasheet
666Kb / 21P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
REVISED JUNE 2004
TPS60230RGTTG4 TI1-TPS60230RGTTG4 Datasheet
989Kb / 21P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
More results


Similar Description - TPS60230RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60230 TI-TPS60230 Datasheet
382Kb / 15P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
BCD Semiconductor Manuf...
AP3605 BCDSEMI-AP3605 Datasheet
164Kb / 2P
CHARGE PUMP CURRENT SOURCE FOR LED DRIVER WITH BRIGHTNESS CONTROL
logo
Richtek Technology Corp...
RT9368 RICHTEK-RT9368 Datasheet
225Kb / 10P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
White LED Driver (120mA Charge Pump with Current Source)
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
White LED Charge Pump Current Source with PWM Brightness Control
logo
Texas Instruments
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
White LED Driver With PWM Brightness Control
logo
SG Micro Corp
SGM3122 SGMICRO-SGM3122_16 Datasheet
2Mb / 16P
White LED Charge Pump Current Source with PWM Brightness Control
SGM3124 SGMICRO-SGM3124_16 Datasheet
2Mb / 15P
White LED Charge Pump Current Source with PWM Brightness Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com