Electronic Components Datasheet Search
  English  ▼

X  

TPS55340 Datasheet (PDF) - Texas Instruments

TPS55340 Datasheet PDF - Texas Instruments
Part # TPS55340
Download  TPS55340 Download
File Size   2835.23 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC/DC Regulator

TPS55340 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS55340 Datasheet PDF - Texas Instruments

Part # TPS55340
Download  TPS55340 Click to download

File Size   2835.23 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC/DC Regulator

TPS55340 Datasheet (HTML) - Texas Instruments


TPS55340 Product details

1 Features
• Internal 5-A, 40-V low-side MOSFET switch
• 2.9-V to 32-V input voltage range
• ±0.7% reference voltage
• 0.5-mA operating quiescent current
• 2.7-μA shutdown supply current
• Fixed frequency current mode PWM control
• Frequency adjustable from 100 kHz to 1.2 MHz
• Synchronization capability to external clock
• Adjustable soft-start time
• Pulse skipping for higher efficiency at light loads
• Cycle-by-cycle current limit, thermal shutdown,
and UVLO protection
• QFN-16 (3-mm × 3-mm) and HTSSOP-14
packages with PowerPAD™
• Wide –40°C to 150°C operating TJ range
• Create a custom design using the TPS55340 with
the WEBENCH Power Designer

2 Applications
• 3.3-V, 5-V, 12-V, 24-V power conversion
• Boost, SEPIC, and flyback topologies
• Thunderbolt port, USB type-C power delivery,
power docking for tablets, and portable PCs
• Industrial power systems
• ADSL modems

3 Description
The TPS55340 is a monolithic, nonsynchronous,
switching regulator with integrated 5-A, 40-V power
switch. The device can be configured in several
standard switching-regulator topologies, including
boost, SEPIC, and isolated flyback. The device has
a wide input voltage range to support applications with
input voltage from multicell batteries or regulated
3.3-V, 5-V, 12-V, and 24-V power rails.
The TPS55340 regulates the output voltage with
current mode PWM (pulse width modulation) control,
and has an internal oscillator. The switching frequency
of PWM is set by either an external resistor or by
synchronizing to an external clock signal. The user
can program the switching frequency from
100 kHz to 1.2 MHz.
The device features a programmable soft-start
function to limit inrush current during start-up and
has other built-in protection features including cycleby-
cycle overcurrent limit and thermal shutdown.
The TPS55340 is available in a small 3-mm × 3-mm
16-pin QFN as well as 14-pin HTSSOP packages with
PowerPAD for enhanced thermal performance.
The 5-A, 40-V TPS55340 boost converter in the
HTSSOP-14 package is pin-to-pin compatible with the
3-A, 40-V TPS61175, and it extends the maximum
input voltage from 18 V to 32 V.




Similar Part No. - TPS55340

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI-TPS55340 Datasheet
1Mb / 38P
Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 39P
Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI-TPS55340 Datasheet
1Mb / 38P
TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 37P
Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
More results


Similar Description - TPS55340

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
logo
Texas Instruments
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-EP TI-TPS55340-EP_15 Datasheet
1Mb / 38P
TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com