Electronic Components Datasheet Search
  English  ▼

X  

TPS54560 Datasheet (PDF) - Texas Instruments

TPS54560 Datasheet PDF - Texas Instruments
Part # TPS54560
Download  TPS54560 Download
File Size   2386.31 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54560 4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™

TPS54560 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54560 Datasheet PDF - Texas Instruments

Part # TPS54560
Download  TPS54560 Click to download

File Size   2386.31 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54560 4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™

TPS54560 Datasheet (HTML) - Texas Instruments


TPS54560 Product details

1 Features
1• High Efficiency at Light Loads with Pulse Skipping
Eco-mode™
• 92-mΩ High-Side MOSFET
• 146 μA Operating Quiescent Current and
2 μA Shutdown Current
• 100 kHz to 2.5 MHz Fixed Switching Frequency
• Synchronizes to External Clock
• Low Dropout at Light Loads with Integrated BOOT
Recharge FET
• Adjustable UVLO Voltage and Hysteresis
• 0.8 V 1% Internal Voltage Reference
• 8-Terminal HSOP with PowerPAD™ Package
• –40°C to 150°C TJ Operating Range
• Create a Custom Design using the
TPS54560 with the WEBENCH® Power Designer

2 Applications
• Industrial Automation and Motor Control
• Vehicle Accessories: GPS, Entertainment
• USB Dedicated Charging Ports and Battery
Chargers
• 12 V, 24 V and 48 V Industrial, Automotive and
Communications Power Systems

3 Description
The TPS54560 is a 60 V, 5 A, step down regulator
with an integrated high side MOSFET. The device
survives load dump pulses up to 65V per ISO 7637.
Current mode control provides simple external
compensation and flexible component selection. A
low ripple pulse skip mode reduces the no load
supply current to 146 μA. Shutdown supply current is
reduced to 2 μA when the enable pin is pulled low.
Undervoltage lockout is internally set at 4.3 V but can
be increased using the enable pin. The output voltage
start up ramp is internally controlled to provide a
controlled start up and eliminate overshoot.
A wide switching frequency range allows either
efficiency or external component size to be optimized.
Output current is limited cycle-by-cycle. Frequency
foldback and thermal shutdown protects internal and
external components during an overload condition.
The TPS54560 is available in an 8-terminal thermally
enhanced HSOP PowerPAD™ package.




Similar Part No. - TPS54560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54560 TI-TPS54560 Datasheet
1Mb / 39P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54560 TI1-TPS54560 Datasheet
1Mb / 43P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI1-TPS54560 Datasheet
2Mb / 46P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560 Datasheet
1Mb / 40P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
MARCH 2013
TPS54560-Q1 TI1-TPS54560-Q1 Datasheet
1Mb / 43P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results


Similar Description - TPS54560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54560 TI-TPS54560 Datasheet
1Mb / 39P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
TPS54560 TI1-TPS54560_13 Datasheet
1Mb / 43P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54560-Q1 TI1-TPS54560-Q1 Datasheet
1Mb / 43P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560_15 Datasheet
1Mb / 46P
TPS54560 4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54561-Q1 TI-TPS54561-Q1_15 Datasheet
1Mb / 51P
TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode?
TPS54560 TI1-TPS54560_17 Datasheet
2Mb / 46P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560 TI-TPS54560_V01 Datasheet
1Mb / 40P
4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode™
MARCH 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com