Electronic Components Datasheet Search
  English  ▼

X  

TPS54526 Datasheet (PDF) - Texas Instruments

TPS54526 Datasheet PDF - Texas Instruments
Part # TPS54526
Download  TPS54526 Download
File Size   2297.91 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™

TPS54526 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54526 Datasheet PDF - Texas Instruments

Part # TPS54526
Download  TPS54526 Click to download

File Size   2297.91 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Ecomode ™

TPS54526 Datasheet (HTML) - Texas Instruments


TPS54526 Product details

1 Features
• D-CAP2™ mode enables fast transient response
• Low output ripple and allows ceramic output
capacitor
• Wide VIN input voltage range: 4.5 V to 18 V
• Output voltage range: 0.76 V to 5.5 V
• Highly efficient integrated FETs optimized
for lower duty cycle applications
– 63 mΩ (high side) and 33 mΩ (low side)
• High efficiency, less than 10 μA at shutdown
• High initial bandgap reference accuracy
• Adjustable soft start
• Pre-biased soft start
• 650-kHz switching frequency (fSW)
• Cycle-by-cycle over current limit
• Power good output
• Auto-skip Eco-mode™ for high efficiency at light
load

2 Applications
• Wide range of applications for low voltage system
– Digital TV power supply
– High definition Blu-ray Disc™ players
– Networking home terminal
– Digital set top box (STB)

3 Description
The TPS54526 is an adaptive on-time D-CAP2™
mode synchronous buck converter. The TPS54526
enables system designers to complete the suite
of various end equipment’s power bus regulators
with a cost effective, low component count, low
standby current solution. The main control loop for
the TPS54526 uses the D-CAP2™ mode control
which provides a very fast transient response with
no external compensation components. The adaptive
on-time control supports seamless transition between
PWM mode at higher load conditions and Ecomode
™ operation at light loads. Eco-mode™ allows
the TPS54526 to maintain high efficiency during
lighter load conditions. The TPS54526 also has a
proprietary circuit that enables the device to adopt
to both low equivalent series resistance (ESR) output
capacitors, such as POSCAP, SP-CAP, and ultra-low
ESR ceramic capacitors. The device operates from
4.5-V to 18-V VIN input. The output voltage can be
programmed between 0.76V and 5.5V. The device
also features an adjustable soft start time and a power
good function. The TPS54526 is available in the 14-
pin HTSSOP package and the 16 pin QFN package,
designed to operate from –40°C to 85°C.




Similar Part No. - TPS54526

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526PWP TI1-TPS54526PWP Datasheet
970Kb / 28P
4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526PWPR TI1-TPS54526PWPR Datasheet
970Kb / 28P
4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526RSAR TI1-TPS54526RSAR Datasheet
970Kb / 28P
4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526RSAT TI1-TPS54526RSAT Datasheet
970Kb / 28P
4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
More results


Similar Description - TPS54526

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54428 TI-TPS54428_15 Datasheet
1Mb / 29P
TPS54428 4.5-V to 18-V Input, 4-A Synchronous Step-Down Converter With Eco-Mode?
TPS54526 TI-TPS54526_15 Datasheet
1Mb / 31P
TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Eco-mode?
TPS54528 TI-TPS54528_15 Datasheet
1Mb / 26P
TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode?
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54228 TI1-TPS54228_16 Datasheet
1Mb / 29P
4.5-V to 18-V Input, 2-A Synchronous Step-Down Converter With Eco-Mode
TPS54328 TI1-TPS54328_16 Datasheet
1Mb / 29P
TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
4.5-V to 18-V input, 6-A synchronous step-down converter
TPS56C230 TI1-TPS56C230_V01 Datasheet
1Mb / 31P
TPS56C230 4.5-V to 18-V, 12-A Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com