Electronic Components Datasheet Search
  English  ▼

X  

TPS54525 Datasheet (PDF) - Texas Instruments

TPS54525 Datasheet PDF - Texas Instruments
Part # TPS54525
Download  TPS54525 Download
File Size   1565.0 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter

TPS54525 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54525 Datasheet PDF - Texas Instruments

Part # TPS54525
Download  TPS54525 Click to download

File Size   1565.0 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter

TPS54525 Datasheet (HTML) - Texas Instruments


TPS54525 Product details

1 Features
• D-CAP2™ mode enables fast transient response
• Low output ripple and allows ceramic output
capacitor
• Wide VIN input voltage range: 4.5 V to 18 V
• Output voltage range: 0.76 V to 5.5 V
• Highly efficient integrated FETs optimized
for lower duty cycle applications
–63 mΩ (high side) and 33 mΩ (low side)
• High efficiency, less than 10 μA at shutdown
• High initial bandgap reference accuracy
• Adjustable soft start
• Pre-biased soft start
• 650-kHz switching frequency (fSW)
• Cycle-by-cycle overcurrent limit
• Power good output

2 Applications
• Wide range of applications for low voltage system
– Digital TV power supply
– High definition Blu-ray Disc™ players
– Networking home terminal
– Digital set top box (STB)

3 Description
The TPS54525 is an adaptive on-time D-CAP2™
mode synchronous buck converter. The TPS54525
enables system designers to complete the suite
of various end equipment’s power bus regulators
with a cost effective, low component count, low
standby current solution. The main control loop for
the TPS54525 uses the D-CAP2™ mode control
which provides a very fast transient response with no
external compensation components. The TPS54525
also has a proprietary circuit that enables the device
to adopt to both low equivalent series resistance
(ESR) output capacitors, such as POSCAP or SPCAP,
and ultra-low ESR ceramic capacitors. The
device operates from 4.5-V to 18-V VIN input. The
output voltage can be programmed between 0.76 V
and 5.5 V. The device also features an adjustable soft
start time and a power good function. The TPS54525
is available in the 14-pin HTSSOP package, and
designed to operate from –40°C to 85°C.




Similar Part No. - TPS54525

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54525PWP TI1-TPS54525PWP Datasheet
803Kb / 24P
4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54525PWPR TI1-TPS54525PWPR Datasheet
803Kb / 24P
4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
More results


Similar Description - TPS54525

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54527 TI1-TPS54527 Datasheet
785Kb / 23P
4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54627 TI-TPS54627 Datasheet
944Kb / 22P
4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54625 TI1-TPS54625 Datasheet
1Mb / 22P
4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54527 TI-TPS54527_15 Datasheet
735Kb / 24P
4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com