Electronic Components Datasheet Search
  English  ▼

X  

TPS54326PWPR.B Datasheet (PDF) - Texas Instruments

TPS54326PWPR.B Datasheet PDF - Texas Instruments
Part # TPS54326PWPR.B
Download  TPS54326PWPR.B Download
File Size   1693.6 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode™

TPS54326PWPR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54326PWPR.B Datasheet PDF - Texas Instruments

Part # TPS54326PWPR.B
Download  TPS54326PWPR.B Click to download

File Size   1693.6 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode™

TPS54326PWPR.B Datasheet (HTML) - Texas Instruments


TPS54326PWPR.B Product details

1FEATURES
23• D-CAP2™ Mode Enables Fast Transient
Response
• Low Output Ripple and Allows Ceramic Output
Capacitor
• Wide VCC Input Voltage Range: 4.5 V to 18 V
• Wide V IN Input Voltage Range: 2 V to 18 V
• Output Voltage Range: 0.76 V to 5.5 V
• Highly Efficient Integrated FET’s Optimized
for Lower Duty Cycle Applications
- 120 mΩ (High Side) and 70 mΩ (Low Side)
• High Efficiency, less than 10 μA at Shutdown
• Auto-Skip Eco-mode™ for High Efficiency at
Light Load
• High Initial Bandgap Reference Accuracy
• Adjustable Soft Start
• Pre-Biased Soft Start
• 700-kHz Switching Frequency (fSW)
• Cycle-By-Cycle Overcurrent Limit
• Power Good Output

APPLICATIONS
• Wide Range of Applications for Low Voltage
System
– Digital TV Power Supply
– High Definition Blu-ray Disc™ Players
– Networking Home Terminal
– Digital Set Top Box (STB)

DESCRIPTION
The TPS54326 is an adaptive on-time D-CAP2™
mode synchronous buck converter. The TPS54326
enables system designers to complete the suite of
various end equipment’s power bus regulators with a
cost effective, low component count, low standby
current solution. The main control loop for the
TPS54326 uses the D-CAP2™ mode control which
provides a fast transient response with no external
components. The adoptive on-time control supports
seamless operation between PWM mode at heavy
load condition and reduced frequency Eco-mode™
operation at light load for high efficiency.
The TPS54326 also has a proprietary circuit that
enables the device to adapt to both low equivalent
series resistance (ESR) output capacitors, such as
POSCAP or SP-CAP, and ultra-low ESR ceramic
capacitors. The device operates from 4.5-V to 18-V
VCC input , and from 2-V to 18-V VIN input power
supply voltage. The output voltage can be
programmed between 0.76 V and 5.5 V. The device
also features an adjustable slow start time and a
power good function. The TPS54326 is available in
the 14 pin HTSSOP or 16 pin QFN package, and
designed to operate from –40°C to 85°C.




Similar Part No. - TPS54326PWPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54326PWPR TI-TPS54326PWPR Datasheet
880Kb / 22P
4.5V to 18V Input 3-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54326PWPR TI1-TPS54326PWPR Datasheet
1Mb / 30P
4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
More results


Similar Description - TPS54326PWPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54326 TI-TPS54326_15 Datasheet
1Mb / 30P
4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54328 TI-TPS54328_15 Datasheet
1Mb / 27P
4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54326 TI1-TPS54326_16 Datasheet
1Mb / 30P
4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com