Electronic Components Datasheet Search
  English  ▼

X  

TPS54061 Datasheet (PDF) - Texas Instruments

TPS54061 Datasheet PDF - Texas Instruments
Part # TPS54061
Download  TPS54061 Download
File Size   1951.88 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ

TPS54061 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54061 Datasheet PDF - Texas Instruments

Part # TPS54061
Download  TPS54061 Click to download

File Size   1951.88 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ

TPS54061 Datasheet (HTML) - Texas Instruments


TPS54061 Product details

1 Features
1• Integrated High-Side and Low-Side MOSFET
• Diode Emulation for Improved Light Load
Efficiency
• Peak Current Mode Control
• 90-μA Operating Quiescent Current
• 1.4-μA Shutdown Supply Current
• 50-kHz to 1100-kHz Adjustable Switching
Frequency
• Synchronizes to External Clock
• Internal Slow-Start
• 0.8 V ±1% Voltage Reference
• Stable With Ceramic Output Capacitors or Low-
Cost Aluminum Electrolytic
• Cycle-by-Cycle Current Limit, Thermal, OVP and
Frequency Foldback Protection
• VSON-8 Package, 3 mm × 3 mm With Thermal
Pad
• –40°C to 150°C Operating Junction Temperature

2 Applications
• 4 to 20-mA Current-Loop Powered Sensors
• Low Power Standby or Bias Voltage Supplies
• Industrial Process Control, Metering, and Security
Systems
• High Efficiency Replacement for High Voltage
Linear Regulators

3 Description
The TPS54061 device is a 60-V, 200-mA,
synchronous step-down DC-DC converter with integrated high-side and low-side MOSFETs. Current
mode control provides simple external compensation
and flexible component selection. The non-switching
supply current is 90 μA. Using the enable pin,
shutdown supply current is reduced to 1.4 μA.
To increase light load efficiency the low-side
MOSFET emulates a diode when the inductor current
reaches zero.
Under voltage lockout is internally set at 4.5 V, but can be increased using two resistors on the enable
pin. The output voltage startup ramp is controlled by
the internal slow-start time.
The adjustable switching frequency range allows
efficiency and external component size to be
optimized. Frequency foldback and thermal shutdown
protects the part during an overload condition.
The TPS54061 enables small designs by integrating
the MOSFETs, boot recharge diode, and minimizing
the IC footprint with a small 3.00 mm x 3.00 mm
thermally enhanced VSON package
The TPS54061 is supported in the WEBENCH™
Designer at www.ti.com.




Similar Part No. - TPS54061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
TPS54061 TI1-TPS54061 Datasheet
1Mb / 39P
Synchronous Step-Down DC?밆C Converter
TPS54061-Q1 TI1-TPS54061-Q1 Datasheet
1Mb / 39P
Synchronous Step-Down DC?밆C Converter
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061-Q1 TI1-TPS54061-Q1_16 Datasheet
1Mb / 39P
Synchronous Step-Down DC?밆C Converter
More results


Similar Description - TPS54061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
920Kb / 35P
3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
OCTOBER2011
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
TPS54061 TI-TPS54061_15 Datasheet
1Mb / 39P
TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54062 TI-TPS54062_15 Datasheet
1Mb / 41P
TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
TPS54062 TI1-TPS54062_16 Datasheet
1Mb / 42P
4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
logo
Linear Technology
LTC3895 LINER-LTC3895 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC7801 LINER-LTC7801 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
Synchronous 600 mA Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com