Electronic Components Datasheet Search
  English  ▼

X  

TPS54060ADGQ Datasheet (PDF) - Texas Instruments

TPS54060ADGQ Datasheet PDF - Texas Instruments
Part # TPS54060ADGQ
Download  TPS54060ADGQ Download
File Size   3453.85 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54060A 0.5-A, 60-V Step-Down DC–DC Converter With Eco-Mode™

TPS54060ADGQ Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54060ADGQ Datasheet PDF - Texas Instruments

Part # TPS54060ADGQ
Download  TPS54060ADGQ Click to download

File Size   3453.85 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS54060A 0.5-A, 60-V Step-Down DC–DC Converter With Eco-Mode™

TPS54060ADGQ Datasheet (HTML) - Texas Instruments


TPS54060ADGQ Product details

1 Features
• 3.5V to 60V Input Voltage Range
• 200-mΩ High-Side MOSFET
• High Efficiency at Light Loads with a Pulse
Skipping Eco-Mode™
• Tighter Enable Threshold than TPS54060
for More Accurate UVLO Voltage
• Adjustable UVLO Voltage and Hysteresis
• 116μA Operating Quiescent Current
• 1.3μA Shutdown Current
• 100kHz to 2.5MHz Switching Frequency
• Synchronizes to External Clock
• Adjustable Slow Start/Sequencing
• UV and OV Power Good Output
• 0.8-V Internal Voltage Reference
• MSOP-10 and 3mm x 3mm VSON-10 Package
With PowerPAD™
• Supported by WEBENCH® and SwitcherPro™
Software Tool

2 Applications
• 12-V, 24-V and 48-V Industrial and Commercial
Low Power Systems
• Aftermarket Auto Accessories: Video, GPS,
Entertainment

3 Description
The TPS54060A device is a 60V, 0.5A, step down
regulator with an integrated high side MOSFET.
Current mode control provides simple external compensation and flexible component selection. A
low ripple pulse skip mode reduces the no load,
regulated output supply current to 116μA. Using the
enable pin, shutdown supply current is reduced to
1.3μA, when the enable pin is low.
Under voltage lockout is internally set at 2.5V, but
can be increased using the enable pin. The output voltage startup ramp is controlled by the slow start
pin that can also be configured for
sequencing/tracking. An open drain power good
signal indicates the output is within 94% to 107% of
its nominal voltage.
A wide switching frequency range allows efficiency
and external component size to be optimized. Frequency fold back and thermal shutdown protects
the part during an overload condition.




Similar Part No. - TPS54060ADGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060ADGQ TI1-TPS54060ADGQ Datasheet
2Mb / 50P
0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54060ADGQ TI1-TPS54060ADGQ Datasheet
2Mb / 53P
Step-Down DC?밆C Converter
TPS54060ADGQR TI1-TPS54060ADGQR Datasheet
2Mb / 50P
0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54060ADGQR TI1-TPS54060ADGQR Datasheet
2Mb / 53P
Step-Down DC?밆C Converter
More results


Similar Description - TPS54060ADGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54060-Q1 TI1-TPS54060-Q1 Datasheet
1Mb / 52P
0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
TPS57160-Q1 TI1-TPS57160-Q1_16 Datasheet
2Mb / 54P
1.5-A 60-V Step-Down DC-DC Converter With Eco-mode Control
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com