Electronic Components Datasheet Search
  English  ▼

X  

TPS53317A Datasheet (PDF) - Texas Instruments

TPS53317A Datasheet PDF - Texas Instruments
Part # TPS53317A
Download  TPS53317A Download
File Size   1481.72 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53317A 6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination

TPS53317A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53317A Datasheet PDF - Texas Instruments

Part # TPS53317A
Download  TPS53317A Click to download

File Size   1481.72 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS53317A 6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination

TPS53317A Datasheet (HTML) - Texas Instruments


TPS53317A Product details

1 Features
1• TI-Proprietary Integrated MOSFET and Packaging
Technology
• Supports DDR Memory Termination with up to 6-A
Continuous Output Source or Sink Current
• External Tracking
• Minimum External Components Count
• 0.9-V to 6-V Conversion Voltage
• D-CAP+™ Mode Architecture
• Supports All MLCC Output Capacitors and
SP/POSCAP
• Selectable SKIP Mode or Forced CCM
• Optimized Efficiency at Light and Heavy Loads
• Selectable 600-kHz or 1-MHz Switching
Frequency
• Selectable Overcurrent Limit (OCL)
• Overvoltage, Over-Temperature and Hiccup
Undervoltage Protection
• Adjustable Output Voltage from 0.45 V to 2 V
• 3.5 mm × 4 mm, 20-Pin, VQFN Package

2 Applications
• Memory Termination Regulator for DDR, DDR2,
DDR3, DDR3L, and DDR4
• VTT Termination
• Low-Voltage Applications for 0.9-V to 6-V Input
Rails

3 Description
The TPS53317A device is a FET-integrated
synchronous buck regulator designed mainly for DDR
termination. It can provide a regulated output at ½
VDDQ with both sink and source capability. The
TPS53317A device employs D-CAP+ mode operation
that provides ease of use, low external component
count and fast transient response. The device can
also be used for other point-of-load (POL) regulation
applications requiring up to 6 A. In addition, the
device supports full, 6-A, output sinking current
capability with tight voltage regulation.
The device features two switching frequency settings
(600 kHz and 1 MHz), integrated droop support,
external tracking capability, pre-bias startup, output
soft discharge, integrated bootstrap switch, power
good function, V5IN pin UVLO protection, and
supports both ceramic and SP/POSCAP capacitors. It
supports input voltages up to 6.0 V, and output
voltages adjustable from 0.45 V to 2.0 V.
The TPS53317A device is available in the 3.5 mm ×
4 mm, 20-pin, VQFN package (Green RoHs
compliant and Pb free) with TI proprietary Integrated MOSFET and packaging technology and is specified
from –40°C to 85°C.




Similar Part No. - TPS53317A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53317A TI1-TPS53317A Datasheet
1Mb / 33P
Integrated-FET Converter for DDR Memory Termination
TPS53317ARGBR TI1-TPS53317ARGBR Datasheet
1Mb / 33P
Integrated-FET Converter for DDR Memory Termination
TPS53317ARGBT TI1-TPS53317ARGBT Datasheet
1Mb / 33P
Integrated-FET Converter for DDR Memory Termination
More results


Similar Description - TPS53317A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
logo
Exar Corporation
XRP6142EL2-0-F EXAR-XRP6142EL2-0-F Datasheet
732Kb / 17P
Synchronous Step-Down Controller with DDR Memory Termination
logo
Linear Technology
LTC3617 LINER-LTC3617_15 Datasheet
481Kb / 20P
6A Monolithic Synchronous Step-Down Regulator for DDR Termination
logo
Texas Instruments
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS53317A TI1-TPS53317A Datasheet
1Mb / 33P
Integrated-FET Converter for DDR Memory Termination
TPS53317 TI1-TPS53317_15 Datasheet
1Mb / 35P
6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317 TI1-TPS53317_17 Datasheet
1Mb / 35P
6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
logo
Linear Technology
LTC3617 LINER-LTC3617 Datasheet
481Kb / 20P
짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com