Electronic Components Datasheet Search
  English  ▼

X  

TPS53314 Datasheet (PDF) - Texas Instruments

TPS53314 Datasheet PDF - Texas Instruments
Part # TPS53314
Download  TPS53314 Download
File Size   1638.49 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-A Step-Down Regulator with Integrated Switcher

TPS53314 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS53314 Datasheet PDF - Texas Instruments

Part # TPS53314
Download  TPS53314 Click to download

File Size   1638.49 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 6-A Step-Down Regulator with Integrated Switcher

TPS53314 Datasheet (HTML) - Texas Instruments


TPS53314 Product details

1FEATURES
2• Conversion Input Voltage Range: 3 V to 15 V
• VDD Input Voltage Range: 4.5 V to 25 V
• Output Voltage Range: 0.6 V to 5.5 V
• 5-V LDO Output
• Integrated Power MOSFETs with 6-A
Continuous Output Current
• <10-μA Shut Down Current
• Auto-Skip Eco-mode™ for Light-Load
Efficiency
• D-CAP™ Mode with Fast Transient Response
• Selectable Switching Frequency from 250 kHz
to 1 MHz with an External Resistor
• Built-in 1%, 0.6-V Reference
• 0.7-ms, 1.4-ms, 2.8-ms and 5.6-ms Selectable
Internal Voltage Servo Soft-Start
• Pre-Charged Start-up Capability
• Integrated Boost Switch
• Adjustable Overcurrent Limit Via External
Resistor
• Overvoltage/Undervoltage, UVLO and
Over-Temperature Protection
• Support All Ceramic Output Capacitors
• Open Drain Power Good Indication
• 40-pin QFN Package with PowerPAD™

APPLICATIONS
• Server and Desktop Computers
• Notebook Computers
• Telecommunication Equipments

DESCRIPTION
TPS53314 is a D-CAP™ mode, 6-A synchronous
switcher with integrated MOSFETs. It is designed for
ease of use, low external component count, and
small package power systems.
This device features single-rail input support, one
20-mΩ and one 7.5-mΩ integrated MOSFET,
accurate 1%, 0.6 V Reference, and integrated boost
switch. A sample of competitive features include:
greater than 96% maximum efficiency, 3 V to 15 V wide input voltage range, very low external
component count, D-CAP™ mode control for super
fast transient, selectable auto-skip and PWM
operation, internal soft-start control, adjustable
frequency, and no need for compensation.
The conversion input voltage ranges from 3 V to
15 V, the supply voltage range is from 4.5 V to 25 V,
and the output voltage range is from 0.6 V to 5.5 V.
The TPS53314 is available in a 5 mm × 7 mm 40-pin,
QFN package and is specified from –40°C to 85°C.




Similar Part No. - TPS53314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53314 TI1-TPS53314 Datasheet
972Kb / 31P
6-A Step-Down Regulator with Integrated Switcher
TPS53314RGFR TI1-TPS53314RGFR Datasheet
972Kb / 31P
6-A Step-Down Regulator with Integrated Switcher
TPS53314RGFT TI1-TPS53314RGFT Datasheet
972Kb / 31P
6-A Step-Down Regulator with Integrated Switcher
More results


Similar Description - TPS53314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
3-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
12-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
5-A Step-Down Regulator with Integrated Switcher
TPS53314 TI1-TPS53314 Datasheet
972Kb / 31P
6-A Step-Down Regulator with Integrated Switcher
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
6-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
12-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
3-A Step-Down Regulator with Integrated Switcher
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com