Electronic Components Datasheet Search
  English  ▼

X  

BD249C Datasheet (PDF) - Multicomp Pro

BD249C Datasheet PDF - Multicomp Pro
Part # BD249C
Download  BD249C Download
File Size   614.08 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Complementary Power Transistor

BD249C Datasheet (PDF)

Go To PDF Page Download Datasheet
BD249C Datasheet PDF - Multicomp Pro

Part # BD249C
Download  BD249C Click to download

File Size   614.08 Kbytes
Page   4 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Complementary Power Transistor

BD249C Datasheet (HTML) - Multicomp Pro


BD249C Product details

Description:
Designed for use in general purpose power amplifier and switching applications.

Features:
• Collector-Emitter sustaining Voltage. VCEO(sus) = 100V (Min.)
• DC Current Gain hFE = 25 (Min.) at IC = 1.5A
• Current Gain Bandwidth Product fT = 3MHz (Min.) at IC = 1A




Similar Part No. - BD249C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD249C MOSPEC-BD249C Datasheet
131Kb / 3P
POWER TRANSISTORS(25A,125W)
logo
Power Innovations Ltd
BD249C POINN-BD249C Datasheet
93Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD249C BOURNS-BD249C Datasheet
109Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD249C SAVANTIC-BD249C Datasheet
145Kb / 3P
Silicon NPN Power Transistors
logo
ON Semiconductor
BD249C ONSEMI-BD249C Datasheet
194Kb / 6P
NPN High?뭁ower Transistor
August, 2006 ??Rev. 2
More results


Similar Description - BD249C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD200 CENTRAL-CJD200 Datasheet
486Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
2N6726 CENTRAL-2N6726 Datasheet
63Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD41C CENTRAL-CJD41C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
COMPLEMENTARY SILICON POWER TRANSISTOR
13-Sep-2005
logo
ON Semiconductor
D45C12 ONSEMI-D45C12 Datasheet
78Kb / 3P
Complementary Silicon Power Transistor
November, 2007 - Rev. 2
MJD122 ONSEMI-MJD122_11 Datasheet
136Kb / 7P
Complementary Darlington Power Transistor
March, 2011 ??Rev. 10
logo
Nell Semiconductor Co.,...
TIP31 NELLSEMI-TIP31 Datasheet
261Kb / 5P
Complementary Silicon Power Transistor
logo
ON Semiconductor
MJD128T4G ONSEMI-MJD128T4G Datasheet
92Kb / 6P
Complementary Darlington Power Transistor
January, 2016 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com