Electronic Components Datasheet Search
  English  ▼

X  

TPS736-Q1 Datasheet (PDF) - Texas Instruments

TPS736-Q1 Datasheet PDF - Texas Instruments
Part # TPS736-Q1
Download  TPS736-Q1 Download
File Size   2584.0 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection

TPS736-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS736-Q1 Datasheet PDF - Texas Instruments

Part # TPS736-Q1
Download  TPS736-Q1 Click to download

File Size   2584.0 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection

TPS736-Q1 Datasheet (HTML) - Texas Instruments


TPS736-Q1 Product details

1 Features
• Stable with no output capacitor or any value or
type of capacitor
• Input voltage range of 1.7V to 5.5V
• Ultra-low dropout voltage: 75mV typ
• Excellent load transient response—with or without
optional output capacitor
• NMOS topology delivers low reverse leakage
current
• Low noise: 30μVRMS typ (10Hz to 100kHz)
• 0.5% initial accuracy
• 1% overall accuracy over line, load, and
temperature
• Less than 1μA max IQ in shutdown mode
• Thermal shutdown and specified min/max current
limit protection
• Available in multiple output voltage versions:
– Fixed outputs of 1.20V to 5.0V
– Adjustable output from 1.20V to 5.5V
– Custom outputs available

2 Applications
• Portable-, battery-powered equipment
• Post-regulation for switching supplies
• Noise-sensitive circuitry such as VCOs
• Point of load regulation for DSPs, FPGAs, ASICs,
and microprocessors

3 Description
The TPS736 low-dropout (LDO) linear voltage
regulator uses a new topology: an NMOS pass
transistor in a voltage-follower configuration. This
topology is stable using output capacitors with low
ESR, and even allows operation without a capacitor.
The device also provides high reverse blockage (low
reverse current) and ground pin current that is nearly
constant over all output current values.
The TPS736 uses an advanced BiCMOS process
to yield high precision while delivering very low
dropout voltages and low ground pin current. Current
consumption, when not enabled, is under 1μA and
designed for portable applications. The extremely low
output noise (30μVRMS with 0.1μF CNR) is designed
for powering VCOs. This device is protected by
thermal shutdown and foldback current limit.




Similar Part No. - TPS736-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS736-Q1 TI1-TPS736-Q1 Datasheet
1Mb / 28P
TPS736xx-Q1, Cap-Free, NMOS, 400-mA Low-Dropout Regulator With Reverse Current Protection
TPS736-Q1 TI-TPS736-Q1 Datasheet
2Mb / 51P
TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
SEPTEMBER 2024
TPS736-Q1 TI1-TPS736-Q1 Datasheet
2Mb / 35P
TPS736-Q1 Automotive, Cap-Free, NMOS, 400mA Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2024
TPS736-Q1 TI1-TPS736-Q1 Datasheet
2Mb / 51P
TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
SEPTEMBER 2024
TPS736-Q1 TI2-TPS736-Q1 Datasheet
2Mb / 36P
TPS736-Q1 Automotive, Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
REVISED MAY 2025
More results


Similar Description - TPS736-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com