Electronic Components Datasheet Search
  English  ▼

X  

TPS74601PDRVR Datasheet (PDF) - Texas Instruments

TPS74601PDRVR Datasheet PDF - Texas Instruments
Part # TPS74601PDRVR
Download  TPS74601PDRVR Download
File Size   2569.14 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS746 1-A High Accuracy Adjustable LDO With Power-Good in a Small Size Package

TPS74601PDRVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS74601PDRVR Datasheet PDF - Texas Instruments

Part # TPS74601PDRVR
Download  TPS74601PDRVR Click to download

File Size   2569.14 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS746 1-A High Accuracy Adjustable LDO With Power-Good in a Small Size Package

TPS74601PDRVR Datasheet (HTML) - Texas Instruments


TPS74601PDRVR Product details

1 Features
1• Input Voltage Range: 1.5 V to 6.0 V
• Adjustable Output Voltage:
– 0.55 V to 5.5 V
• Very Low Dropout:
– 225 mV (max) at 1 A (3.3 VOUT)
• High Output Accuracy:
– 0.7%, Typical
– 1%, Maximum Over Temperature (85°C)
• Open-Drain Power-Good Output
• Power-Good Rising Delay:
– TPS746: 165 μs
– TPS746B: 5 ms
• IQ: 25 μA (Typical)
• Built-In Soft-Start With Monotonic VOUT Rise
• Package:
– 2-mm × 2-mm 6-Pin WSON (DRV)
• Active Output Discharge

2 Applications
• Set-Top Boxes, Gaming Consoles
• Home Theater and Entertainment
• Desktops, Notebooks, Ultrabooks
• Printers
• Servers
• Thermostat and Lighting Controls
• Electronic Point of Sale (EPOS)

3 Description
The TPS746 is an adjustable 1-A low-dropout (LDO)
regulator with power-good functionality. This device is
available in a small, 6-pin, 2-mm × 2-mm WSON
package and consumes very low quiescent current
and provides fast line and load transient performance.
The TPS746 features an ultra-low dropout of 225 mV
at 1 A that can help improve the power efficiency of
the system.
The TPS746 is optimized for a wide variety of
applications by supporting an input voltage range
from 1.5 V to 6.0 V and an externally adjustable
output range of 0.55 V to 5.5 V. The low output
voltage enables this LDO to power the modern
microcontrollers with lower core voltages.
Additionally, the TPS746 has a low IQ with enable
functionality to minimize standby power. This device
features an internal soft-start to lower the inrush
current, which provides a controlled voltage to the
load and minimizes the input voltage drop during start
up.
The TPS746 has a power-good (PG) output that
monitors the voltage at the feedback pin to indicate
the status of the output voltage. The EN input and PG
output can be used for sequencing multiple power
sources in the system.
The TPS746 is stable with small ceramic output
capacitors, allowing for a small overall solution size.
A precision band-gap and error amplifier provides a
high accuracy of 0.7% max at 25ºC and 1% max over
temperature (85ºC). This device includes integrated
thermal shutdown, current limit, and undervoltage
lockout (UVLO) features. The TPS746 has an internal
foldback current limit that helps reduce the thermal
dissipation during short-circuit events.




Similar Part No. - TPS74601PDRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74601PDRVR TI1-TPS74601PDRVR Datasheet
1Mb / 22P
1-A LDO With Power-Good in a Small 2-mm x 2-mm WSON Package
More results


Similar Description - TPS74601PDRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV758P TI1-TLV758P_19 Datasheet
2Mb / 32P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV758P_1903 TI1-TLV758P_1903 Datasheet
3Mb / 35P
500-mA, high-accuracy, adjustable LDO in a small size package
TPS746-Q1 TI1-TPS746-Q1 Datasheet
2Mb / 30P
TPS746-Q1 1-A LDO With Power-Good in a Small 2-mm 횞 2-mm Wettable Flank WSON Package
TLV751 TI1-TLV751 Datasheet
2Mb / 29P
TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV752 TI1-TLV752 Datasheet
1Mb / 29P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TPS746-Q1 TI1-TPS746-Q1_V01 Datasheet
3Mb / 41P
TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI1-TPS746-Q1_V02 Datasheet
3Mb / 45P
TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V03 Datasheet
3Mb / 45P
TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V04 Datasheet
4Mb / 44P
TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
logo
ON Semiconductor
NCV59801 ONSEMI-NCV59801 Datasheet
351Kb / 13P
LDO Regulator, 1A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
August, 2022 - Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com