Electronic Components Datasheet Search
  English  ▼

X  

TPS745 Datasheet (PDF) - Texas Instruments

TPS745 Datasheet PDF - Texas Instruments
Part # TPS745
Download  TPS745 Download
File Size   2597.95 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS745 500-mA, High Accuracy, Adjustable LDO With Power-Good in a Small Size Package

TPS745 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS745 Datasheet PDF - Texas Instruments

Part # TPS745
Download  TPS745 Click to download

File Size   2597.95 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS745 500-mA, High Accuracy, Adjustable LDO With Power-Good in a Small Size Package

TPS745 Datasheet (HTML) - Texas Instruments


TPS745 Product details

1 Features
1• Input Voltage Range: 1.5 V to 6.0 V
• Adjustable Output Voltage:
– 0.55 V to 5.5 V
• Very Low Dropout:
– 130 mV (max) at 500 mA (3.3 VOUT)
• High Output Accuracy: 0.7% (Typical) and 1%
(Maximum Over Temperature)
• Open-Drain Power-Good Output
• IQ: 25 μA (Typical)
• Built-In Soft-Start With Monotonic VOUT Rise
• Package:
– 2-mm × 2-mm WSON-6 (DRV)
• Active Output Discharge

2 Applications
• Set-Top Boxes, Gaming Consoles
• Home Theater and Entertainment
• Desktops, Notebooks, Ultrabooks
• Printers
• Servers
• Thermostat and Lighting Control
• Electronic Point of Sale (EPOS)

3 Description
The TPS745 is an adjustable 500-mA low-dropout
(LDO) regulator with power-good functionality. This
device is available in a small, 6-pin, 2-mm × 2-mm
WSON package and consumes very low quiescent
current and provides fast line and load transient
performance. The TPS745 features an ultra-low
dropout of 130 mV at 500 mA that can help improve
the power efficiency of the system.
The TPS745 is optimized for a wide variety of
applications by supporting an input voltage range
from 1.5 V to 6.0 V and an externally adjustable
output range of 0.55 V to 5.5 V. The low output
voltage enables this LDO to power the modern
microcontrollers with lower core voltages.
The TPS745 has a power-good (PG) output that
monitors the voltage at the feedback pin to indicate
the status of the output voltage. The EN input and PG
output can be used for the sequencing multiple power
sources in the system.
The TPS745 is stable with small ceramic output
capacitors, allowing for a small overall solution size.
A precision band-gap and error amplifier provides
high accuracy of 0.7% (max) at 25°C and 1% (max)
over temperature (85ºC). This device includes
integrated thermal shutdown, current limit, and
undervoltage lockout (UVLO) features. The TPS745
has an internal foldback current limit that helps
reduce the thermal dissipation during short-circuit
events.




Similar Part No. - TPS745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS745 TI1-TPS745 Datasheet
750Kb / 16P
500-mA LDO With Power-Good in Small 2-mm 횞 2-mm WSON Package
TPS745 TI1-TPS745 Datasheet
1Mb / 22P
500-mA LDO With Power-Good in Small 2-mm 횞 2-mm WSON Package
TPS745 TI1-TPS745 Datasheet
2Mb / 29P
TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745 TI1-TPS745 Datasheet
2Mb / 30P
TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745 TI1-TPS745 Datasheet
3Mb / 41P
TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
More results


Similar Description - TPS745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV758P TI1-TLV758P_19 Datasheet
2Mb / 32P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV758P_1903 TI1-TLV758P_1903 Datasheet
3Mb / 35P
500-mA, high-accuracy, adjustable LDO in a small size package
TPS745-Q1 TI1-TPS745-Q1 Datasheet
2Mb / 29P
TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TLV751 TI1-TLV751 Datasheet
2Mb / 29P
TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TLV751 TI1-TLV751_V01 Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI-TPS745-Q1_V07 Datasheet
4Mb / 44P
TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com