Electronic Components Datasheet Search
  English  ▼

X  

TPS71401DRVRM3 Datasheet (PDF) - Texas Instruments

TPS71401DRVRM3 Datasheet PDF - Texas Instruments
Part # TPS71401DRVRM3
Download  TPS71401DRVRM3 Download
File Size   4016.55 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator

TPS71401DRVRM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS71401DRVRM3 Datasheet PDF - Texas Instruments

Part # TPS71401DRVRM3
Download  TPS71401DRVRM3 Click to download

File Size   4016.55 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator

TPS71401DRVRM3 Datasheet (HTML) - Texas Instruments


TPS71401DRVRM3 Product details

1 Features
• Input voltage range: 2.5 V to 10 V
• Available output voltage options:
– Fixed: 1.8 V to 5 V
– Adjustable: 1.205 V to 8.8 V
• Output current: Up to 80 mA
• Very low IQ: 3.2 μA at 80-mA load current
• Dropout voltage: 415 mV at 50-mA load
• Overcurrent protection
• Operating junction temperature: –40°C to +125°C
• Packages:
– 2-mm × 1.25-mm SC-70 (DCK)
– 2-mm × 2-mm WSON (DRV)
• For MSP430-specific output voltages see the
TPS715

2 Applications
• Home and building automation
• Retail automation and payment
• Grid infrastructure
• Medical applications
• Lighting applications

3 Description
The TPS714 low-dropout (LDO) linear voltage
regulator is a low quiescent current device that
offers the benefits of a wide input voltage range
and low-power operation in miniaturized packaging.
Thus, the TPS714 is designed for battery-powered
applications and as a power-management attachment
to low-power microcontrollers.
The TPS714 is available in both fixed and adjustable
versions. For more flexibility or higher output voltages,
the adjustable version uses external feedback
resistors to set the output voltage from 1.205 V to
8.8 V. The TPS714 LDO supports a low dropout of
650 mV (typ) at 80 mA of load current. The low
quiescent current (3.2 μA typically) is stable over
the entire range of output load current (0 mA to 80
mA). The TPS714 (new chip only) also features an
internal soft-start to lower the inrush current. The builtin
overcurrent limit helps protect the regulator in the
event of a load short or fault.
The TPS714 is available in a 2-mm × 2-mm package
for use in high power dissipation applications and the
SC70-5 package is designed for hand-held and ultraportable
applications.




Similar Part No. - TPS71401DRVRM3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71401DRVRM3 TI1-TPS71401DRVRM3 Datasheet
3Mb / 38P
TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results


Similar Description - TPS71401DRVRM3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V03 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704_V04 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV709 TI-TLV709 Datasheet
4Mb / 25P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
FEBRUARY 2023
TLV704 TI-TLV704_V05 Datasheet
6Mb / 30P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MARCH 2023
TLV709 TI-TLV709_V02 Datasheet
4Mb / 30P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED MAY 2023
TLV709 TI1-TLV709_V03 Datasheet
4Mb / 31P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED JUNE 2023
TPS714 TI1-TPS714 Datasheet
3Mb / 38P
TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS715A TI1-TPS715A Datasheet
6Mb / 39P
TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com