Electronic Components Datasheet Search
  English  ▼

X  

TPS51716 Datasheet (PDF) - Texas Instruments

TPS51716 Datasheet PDF - Texas Instruments
Part # TPS51716
Download  TPS51716 Download
File Size   1506.04 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS51716 Complete DDR2, DDR3, DDR3L, LPDDR3, and DDR4 Memory Power Solution Synchronous Buck Controller, 2-A LDO, With Buffered Reference

TPS51716 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51716 Datasheet PDF - Texas Instruments

Part # TPS51716
Download  TPS51716 Click to download

File Size   1506.04 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS51716 Complete DDR2, DDR3, DDR3L, LPDDR3, and DDR4 Memory Power Solution Synchronous Buck Controller, 2-A LDO, With Buffered Reference

TPS51716 Datasheet (HTML) - Texas Instruments


TPS51716 Product details

1 Features
1• Synchronous Buck Controller (VDDQ)
– Conversion Voltage Range: 3 to 28 V
– Output Voltage Range: 0.7 to 1.8 V
– 0.8% VREF Accuracy
– D-CAP2™ Mode for Ceramic Output
Capacitors
– Selectable 500-kHz/670-kHz Switching
Frequencies
– Optimized Efficiency at Light and Heavy Loads
With Auto-Skip Function
– Supports Soft-Off in S4/S5 States
– OCL/OVP/UVP/UVLO Protections
– Powergood Output
• 2-A LDO (VTT), Buffered Reference (VTTREF)
– 2-A (Peak) Sink and Source Current
– Requires Only 10-μF of Ceramic Output
Capacitance
– Buffered, Low Noise, 10-mA VTTREF Output
– 0.8% VTTREF, 20-mV VTT Accuracy
– Support High-Z in S3 and Soft-Off in S4/S5
• Thermal Shutdown
• 20-Pin, 3 mm × 3 mm, WQFN Package

2 Applications
• DDR2, DDR3, DDR3L, LPDDR3, and DDR4
Memory Power Supplies
• SSTL_18, SSTL_15, SSTL_135, and HSTL
Termination

3 Description
The TPS51716 provides a complete power supply for
DDR2, DDR3, DDR3L, LPDDR3, and DDR4 memory
systems in the lowest total cost and minimum space.
It integrates a synchronous buck regulator controller
(VDDQ) with a 2-A sink/source tracking LDO (VTT)
and buffered low noise reference (VTTREF). The
TPS51716 employs D-CAP2 mode coupled with
500 kHz or 670 kHz operating frequencies that
supports ceramic output capacitors without an
external compensation circuit. The VTTREF tracks
VDDQ/2 with excellent 0.8% accuracy. The VTT,
which provides 2-A sink/source peak current
capabilities, requires only 10 μF of ceramic
capacitance. In addition, the device features a
dedicated LDO supply input.
The TPS51716 provides rich, useful functions as well
as excellent power supply performance. It supports
flexible power state control, placing VTT at high-Z in
S3 and discharging VDDQ, VTT and VTTREF (softoff)
in S4/S5 state. It includes programmable OCL
with low-side MOSFET RDS(on) sensing,
OVP/UVP/UVLO and thermal shutdown protections.
TI offers the TPS51716 in a 20-pin, 3 mm × 3 mm,
WQFN package and specifies it for an ambient
temperature range between –40°C and 85°C.




Similar Part No. - TPS51716

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
TPS51716RUKR TI-TPS51716RUKR Datasheet
1Mb / 30P
Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
TPS51716RUKT TI-TPS51716RUKT Datasheet
1Mb / 30P
Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
More results


Similar Description - TPS51716

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216 TI1-TPS51216 Datasheet
770Kb / 30P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com