Electronic Components Datasheet Search
  English  ▼

X  

TPS51220ARSNT Datasheet (PDF) - Texas Instruments

TPS51220ARSNT Datasheet PDF - Texas Instruments
Part # TPS51220ARSNT
Download  TPS51220ARSNT Download
File Size   1847.3 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller

TPS51220ARSNT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51220ARSNT Datasheet PDF - Texas Instruments

Part # TPS51220ARSNT
Download  TPS51220ARSNT Click to download

File Size   1847.3 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller

TPS51220ARSNT Datasheet (HTML) - Texas Instruments


TPS51220ARSNT Product details

1FEATURES
2• Input Voltage Range: 4.5 V to 32 V
• Output Voltage Range: 1 V to 12 V
• Selectable Light Load Operation
(Continuous / Auto Skip / Out-Of-Audio™ Skip)
• Programmable Droop Compensation
• Voltage Servo Adjustable Soft Start
• 200-kHz to 1-MHz Fixed-Frequency PWM
• Selectable Current/ D-CAP™ Mode
Architecture
• 180° Phase Shift Between Channels
• Resistor or Inductor DCR Current Sensing
• Adaptive Zero Crossing Circuit
• Powergood Output for Each Channel
• OCL/OVP/UVP/UVLO Protections
(OVP Disable Option)
• Thermal Shutdown (Non-Latch)
• Output Discharge Function (Disable Option)
• Integrated Boot Strap MOSFET Switch
• QFN-32 (RTV/RSN) Package

APPLICATIONS
• Notebook Computer System and I/O Bus
• Point of Load in LCD TV, MFP

DESCRIPTION
The TPS51220A is a dual synchronous buck regulator controller with two LDOs. It is optimized for 5-V/3.3-V
system controller, enabling designers to cost effectively complete 2-cell to 4-cell notebook system power supply.
The TPS51220A supports high efficiency, fast transient response, and 99% duty cycle operation. It supports
supply input voltage ranging from 4.5 V to 32 V, and output voltages from 1 V to 12 V. Two types of control
schemes can be chosen depending on the application. Peak current mode supports stability operation with lower
ESR capacitor and output accuracy. The D-CAP mode supports fast transient response. The high duty (99%)
operation and the wide input/output voltage range supports flexible design for small mobile PCs and a wide
variety of other applications. The fixed frequency can be adjusted from 200 kHz to 1 MHz by a resistor, and each
channel runs 180° out-of-phase. The TPS51220A can also synchronize to the external clock, and the interleaving
ratio can be adjusted by its duty. The TPS51220A is available in the 32-pin 5×5/4×4 QFN package and is
specified from –40°C to 85°C.




Similar Part No. - TPS51220ARSNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220ARSNT TI1-TPS51220ARSNT Datasheet
1Mb / 51P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Similar Description - TPS51220ARSNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com