Electronic Components Datasheet Search
  English  ▼

X  

TPS40200 Datasheet (PDF) - Texas Instruments

TPS40200 Datasheet PDF - Texas Instruments
Part # TPS40200
Download  TPS40200 Download
File Size   1001.81 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER

TPS40200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS40200 Datasheet PDF - Texas Instruments

Part # TPS40200
Download  TPS40200 Click to download

File Size   1001.81 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER

TPS40200 Datasheet (HTML) - Texas Instruments


TPS40200 Product details

1FEATURES
• Input Voltage Range 5.5 V to 52 V
• Output Voltage (700 mV to 87% VIN)
• 200-mA Internal P-Channel FET Driver
• Voltage Feed-Forward Compensation
• Undervoltage Lockout
• Programmable Fixed-Frequency
(35 kHz to 500 kHz) Operation
• Programmable Short-Circuit Protection
• Hiccup Overcurrent Fault Recovery
• Programmable Closed-Loop Soft Start
• 700-mV 1% Reference Voltage
• External Synchronization

APPLICATIONS
• Down-Hole Drilling
• High Temperature Environments

SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Extreme (–55°C/210°C)
Temperature Range (1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
• Texas Instruments high temperature products
utilize highly optimized silicon (die) solutions
with design and process enhancements to
maximize performance over extended
temperatures.

DESCRIPTION
The TPS40200 is a flexible nonsynchronous controller with a built-in 200-mA driver for P-channel FETs. The
circuit operates with inputs up to 52 V, with a power-saving feature that turns off driver current once the external
FET has been fully turned on. This feature extends the flexibility of the device, allowing it to operate with an input
voltage up to 52 V, without dissipating excessive power. The circuit operates with voltage-mode feedback and
has feed-forward input-voltage compensation that responds instantly to input-voltage change. The integral 700-
mV reference is trimmed to 2%, providing the means to accurately control low voltages. Clock frequency, soft
start, and overcurrent limit each are easily programmed by a single, external component. The part has
undervoltage lockout, and can be easily synchronized to other controllers or a system clock to satisfy sequencing
and/or noise-reduction requirements.




Similar Part No. - TPS40200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200 Datasheet
1Mb / 46P
WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200 Datasheet
1Mb / 43P
WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200 Datasheet
1Mb / 48P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200 TI1-TPS40200 Datasheet
1Mb / 46P
Wide Input Range Non-Synchronous Voltage Mode Controller
More results


Similar Description - TPS40200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200-HT TI1-TPS40200-HT Datasheet
910Kb / 45P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
Wide Input Range Non-Synchronous Voltage Mode Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com