Electronic Components Datasheet Search
  English  ▼

X  

KP467 Datasheet (PDF) - Infineon Technologies AG

KP467 Datasheet PDF - Infineon Technologies AG
Part # KP467
Download  KP467 Download
File Size   3293.99 Kbytes
Page   49 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description XENSIV™ ISO26262-compliant digital absolute pressure sensor

KP467 Datasheet (PDF)

Go To PDF Page Download Datasheet
KP467 Datasheet PDF - Infineon Technologies AG

Part # KP467
Download  KP467 Click to download

File Size   3293.99 Kbytes
Page   49 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description XENSIV™ ISO26262-compliant digital absolute pressure sensor

KP467 Datasheet (HTML) - Infineon Technologies AG


KP467 Product details

Features
• Dedicated low power monitoring (LPM) mode for battery monitoring applications (delta pressure
threshold accuracy +-4%)
• High accuracy pressure sensing (+-3.0 kPa), pressure range 45 to 200 kPa
• Operating ambient temperature range -40°C to 105°C
• Best in class low power consumption
• 10-, 12- or 14-bit resolution pressure and temperature values via SPI Interface
• Integrated diagnosis features for signal path and signal processing
• Green and small 4.5 mm x 5.1 mm 8-pin DFN package
• ISO 26262 Safety Element out of Context for safety requirements up to ASIL B

Potential applications
• Automotive barometric air pressure sensor (BAP)
• Automotive manifold air flow sensor (MAF)
• Automotive battery monitoring system (BMS)
• Automotive seat comfort system
• Industrial control
• Weather stations
• Altimeters

Description
The KP467 is a high-performance, high-precision miniaturized digital absolute pressure sensor based on a capacitive sensing
principle. It is surface micromachined with a monolithic integrated signal conditioning circuit.
The device converts a physical pressure into a 10-, 12- or 14-bit digital value and transmits the information via the SPI interface. In
addition, a temperature sensor is integrated on chip. Based on the received SPI command, the 10-, 12- or 14-bit temperature
information will also be transmitted via the SPI interface.
The KP467 has implemented besides a power-down mode also a particular low power monitoring (LPM) mode which allows
usage of the sensor in battery monitoring applications in order to detect pressure pulses caused by thermal runaway events. The
integrated diagnostics are a special reliability feature, which allows testing the sensor cells as well as the signal path. This
diagnosis can be triggered with a SPI command.




Similar Part No. - KP467

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KP460 VISHAY-KP460 Datasheet
232Kb / 11P
Polypropylene Film Foil Capacitors KP Axial Epoxy Lacquered Type
25-Aug-03
logo
List of Unclassifed Man...
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
Polypropylene film foil capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460 Datasheet
1Mb / 29P
Polypropylene film foil capacitors
logo
Shenzhen Luguang Electr...
KP4600A LUGUANG-KP4600A Datasheet
3Mb / 4P
Phase control thyristor
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
Polypropylene film foil capacitors
More results


Similar Description - KP467

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCP1000 VTI-SCP1000 Datasheet
287Kb / 7P
ABSOLUTE PRESSURE SENSOR
logo
Infineon Technologies A...
KP123 INFINEON-KP123 Datasheet
722Kb / 24P
Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP124 INFINEON-KP124 Datasheet
727Kb / 24P
Absolute Pressure Sensor
Rev 1.02, 2007-11-23
KP125 INFINEON-KP125 Datasheet
729Kb / 24P
Absolute Pressure Sensor
Rev 2.14, 2007-11-23
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
Absolute Pressure Sensor
Rev 1.01, 2007-11-23
KP126N6165 INFINEON-KP126N6165 Datasheet
778Kb / 24P
Absolute Pressure Sensor
November 2007 Rev 1.02
KP253 INFINEON-KP253 Datasheet
1Mb / 29P
Digital Absolute Pressure Sensor
Revision 1.1, 2015-07-29
logo
Melexis Microelectronic...
MLX90818 MELEXIS-MLX90818 Datasheet
1Mb / 37P
Absolute Pressure Sensor
logo
Silicon Microstructures...
SM5420E SMI-SM5420E Datasheet
539Kb / 5P
Absolute Pressure Sensor
logo
Omron Electronics LLC
2SMPB-01-01 OMRON-2SMPB-01-01 Datasheet
2Mb / 18P
Absolute Pressure Sensor
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com