Electronic Components Datasheet Search
  English  ▼

X  

TPS84A20RVQT Datasheet (PDF) - Texas Instruments

TPS84A20RVQT Datasheet PDF - Texas Instruments
Part # TPS84A20RVQT
Download  TPS84A20RVQT Download
File Size   1363.2 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS84A20 2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution

TPS84A20RVQT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS84A20RVQT Datasheet PDF - Texas Instruments

Part # TPS84A20RVQT
Download  TPS84A20RVQT Click to download

File Size   1363.2 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS84A20 2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution

TPS84A20RVQT Datasheet (HTML) - Texas Instruments


TPS84A20RVQT Product details

1 Features
1• Complete integrated power solution allows
small footprint, low-profile design
• 10-mm × 10-mm × 4.3-mm package
• Efficiencies up to 95%
• Eco-mode™ / light load efficiency (LLE)
• Wide-output voltage adjust
0.6 V to 5.5 V, with 1% reference accuracy
• Supports parallel operation for higher current
• Optional split power rail allows
input voltage down to 2.95 V
• Adjustable switching frequency
(200 kHz to 1.2 MHz)
• Synchronizes to an external clock
• Provides 180° out-of-phase clock signal
• Adjustable slow-start
• Output voltage sequencing / tracking
• Power-good output
• Programmable undervoltage lockout (UVLO)
• Overcurrent and overtemperature protection
• Prebias output start-up
• Operating temperature range: –40°C to +85°C
• Enhanced thermal performance: 13.3°C/W
• Meets EN55022 Class B Emissions

2 Applications
• Broadband and communications infrastructure
• Automated test and medical equipment
• Compact PCI / PCI express / PXI express
• DSP and FPGA point-of-load applications

3 Description
The TPS84A20 is an easy-to-use integrated power
solution that combines a 10-A DC/DC converter with
power MOSFETs, an inductor, and passives into a
low profile, QFN package. This total power solution
allows as few as three external components and
eliminates the loop compensation and magnetics part
selection process.
The 10-mm × 10-mm × 4.3-mm QFN package is easy
to solder onto a printed circuit board and allows a
compact point-of-load design. Achieves greater than
95% efficiency and excellent power dissipation
capability with a thermal impedance of 13.3°C/W. The
TPS84A20 offers the flexibility and the feature-set of
a discrete point-of-load design and is ideal for
powering a wide range of ICs and systems.
Advanced packaging technology affords a robust and
reliable power solution compatible with standard QFN
mounting and testing techniques.




Similar Part No. - TPS84A20RVQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84A20RVQT TI-TPS84A20RVQT Datasheet
878Kb / 30P
2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
More results


Similar Description - TPS84A20RVQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
logo
Rohm
BD9D300MUV ROHM-BD9D300MUV Datasheet
1Mb / 42P
4.0 V to 17 V Input, 3 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
16.Sep.2021 Rev.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com