Electronic Components Datasheet Search
  English  ▼

X  

TPS7A85A Datasheet (PDF) - Texas Instruments

TPS7A85A Datasheet PDF - Texas Instruments
Part # TPS7A85A
Download  TPS7A85A Download
File Size   2835.21 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A85A 4-A, High-Accuracy (0.75%), Low-Noise (4.4 μVRMS), LDO Regulator

TPS7A85A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A85A Datasheet PDF - Texas Instruments

Part # TPS7A85A
Download  TPS7A85A Click to download

File Size   2835.21 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A85A 4-A, High-Accuracy (0.75%), Low-Noise (4.4 μVRMS), LDO Regulator

TPS7A85A Datasheet (HTML) - Texas Instruments


TPS7A85A Product details

1 Features
1• Low Dropout: 150 mV (Typical) at 4 A
• 0.75% (Maximum) Accuracy Over Line, Load, and
Temperature With BIAS
• Output Voltage Noise:
– 4.4 μVRMS at 0.8-V Output
– 7.7 μVRMS at 5.1-V Output
• Input Voltage Range:
– Without BIAS: 1.4 V to 6.5 V
– With BIAS: 1.1 V to 6.5 V
• ANY-OUT™ Operation:
– Output Voltage Range: 0.8 V to 3.95 V
• Adjustable Operation:
– Output Voltage Range: 0.8 V to 5.1 V
• Power-Supply Ripple Rejection:
– 40 dB at 500 kHz
• Excellent Load Transient Response
• Adjustable Soft-Start In-Rush Control
• Open-Drain Power-Good (PG) Output
• Stable with a 47-μF or Larger Ceramic Output
Capacitor
• θJC = 3.4°C/W
• 3.5-mm × 3.5-mm, 20-Pin VQFN

2 Applications
• Digital Loads: SerDes, FPGAs, and DSPs
• Instrumentation, Medical, and Audio
• High-Speed Analog Circuits:
– VCO, ADC, DAC, and LVDS
• Imaging: CMOS Sensors and Video ASICs
• Test and Measurement

3 Description
The TPS7A85A is a low-noise (4.4 μVRMS), low
dropout linear regulator (LDO) capable of sourcing 4
A with only 240 mV of maximum dropout. The device
output voltage is pin-programmable from 0.8 V to
3.95 V and adjustable from 0.8 V to 5.1 V using an
external resistor divider.
The combination of low-noise (4.4 μVRMS), high-
PSRR, and high output current capability makes the
TPS7A85A ideal to power noise-sensitive
components such as those found in high-speed
communications, video, medical, or test and
measurement applications. The high performance of
the TPS7A85A limits power-supply-generated phase
noise and clock jitter, making this device ideal for
powering high-performance serializer and deserializer
SerDes), analog-to-digital converters (ADCs), digitalto-
analog converters (DACs), and RF components.
Specifically, RF amplifiers benefit from the highperformance
and 5.1-V output capability of the
device.
For digital loads (such as application-specific
integrated circuits (ASICs), field-programmable gate
arrays (FPGAs), and digital signal processors
DSPs)) requiring low-input voltage, low-output (LILO)
voltage operation, the exceptional accuracy (0.75%
over load and temperature), remote sensing,
excellent transient performance, and soft-start
capabilities of the TPS7A85A ensure optimal system
performance.
The versatility of the TPS7A8500A makes the device
a component of choice for many demanding
applications.




Similar Part No. - TPS7A85A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A85A TI1-TPS7A85A Datasheet
2Mb / 46P
4-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS), LDO Regulator
More results


Similar Description - TPS7A85A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A84A TI1-TPS7A84A Datasheet
2Mb / 46P
3-A, High-Accuracy (0.75%), Low-Noise (4.4-uVRMS) LDO Regulator
TPS7A83A TI1-TPS7A83A Datasheet
2Mb / 46P
2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
TPS7A85A TI1-TPS7A85A Datasheet
2Mb / 46P
4-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS), LDO Regulator
TPS7A83A TI1-TPS7A83A_18 Datasheet
3Mb / 49P
2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
TPS7A52 TI1-TPS7A52 Datasheet
486Kb / 28P
TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
TPS7A54 TI1-TPS7A54 Datasheet
475Kb / 28P
TPS7A54 4-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
TPS7A84A TI1-TPS7A84A_V01 Datasheet
3Mb / 53P
TPS7A84A 3-A, High-Accuracy (0.75%), Low-Noise (4.4-關VRMS) LDO Regulator
TPS7A84A TI1-TPS7A84A_V02 Datasheet
3Mb / 53P
TPS7A84A 3-A, High-Accuracy (0.75%), Low-Noise (4.4-關VRMS) LDO Regulator
TPS7A83A TI-TPS7A83A Datasheet
5Mb / 60P
TPS7A83A 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS) LDO Regulator
OCTOBER 2021
TPS7A83A TI-TPS7A83A_V01 Datasheet
5Mb / 60P
TPS7A83A 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS) LDO Regulator
OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com