Electronic Components Datasheet Search
  English  ▼

X  

TPS7A8101 Datasheet (PDF) - Texas Instruments

TPS7A8101 Datasheet PDF - Texas Instruments
Part # TPS7A8101
Download  TPS7A8101 Download
File Size   1167.76 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A8101 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator

TPS7A8101 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A8101 Datasheet PDF - Texas Instruments

Part # TPS7A8101
Download  TPS7A8101 Click to download

File Size   1167.76 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A8101 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator

TPS7A8101 Datasheet (HTML) - Texas Instruments


TPS7A8101 Product details

1 Features
• Low-Dropout 1-A Regulator with Enable
• Adjustable Output Voltage: 0.8 V to 6 V
• Wide-Bandwidth High PSRR:
– 80 dB at 1 kHz
– 60 dB at 100 kHz
– 54 dB at 1 MHz
• Low Noise: 23.5 μV RMS typical (100 Hz to
100 kHz)
• Stable with a 4.7-μF Capacitance
• Excellent Load and Line Transient Response
• 3% Overall Accuracy (Over Load, Line,
Temperature)
• Overcurrent and Overtemperature Protection
• Very Low Dropout: 170 mV Typical at 1 A
• Package: 3-mm × 3-mm SON-8

2 Applications
• Telecom Infrastructure
• Audio
• High-Speed I/F (PLL and VCO)

3 Description
The TPS7A8101 low-dropout linear regulator (LDO)
offers very good performance in noise and power- supply rejection ratio (PSRR) at the output. This LDO
uses an advanced BiCMOS process and a
PMOSFET pass device to achieve very low noise,
excellent transient response, and excellent PSRR performance.
The TPS7A8101 device is stable with a 4.7-μF
ceramic output capacitor, and uses a precision
voltage reference and feedback loop to achieve a
worst-case accuracy of 3% over all load, line,
process, and temperature variations.
This device is fully specified over the temperature
range of TJ = –40°C to 125°C and is offered in a 3-
mm × 3-mm, SON-8 package with a thermal pad.




Similar Part No. - TPS7A8101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A8101 TI1-TPS7A8101 Datasheet
990Kb / 24P
Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI1-TPS7A8101-Q1 Datasheet
1Mb / 29P
TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI-TPS7A8101-Q1_15 Datasheet
1Mb / 29P
TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR,Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI1-TPS7A8101-Q1_16 Datasheet
1Mb / 29P
TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101DRBR TI1-TPS7A8101DRBR Datasheet
990Kb / 24P
Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
More results


Similar Description - TPS7A8101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A8101 TI1-TPS7A8101 Datasheet
990Kb / 24P
Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001 TI-TPS7A8001_15 Datasheet
1Mb / 28P
TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A8101 TI-TPS7A8101_15 Datasheet
1Mb / 27P
TPS7A8101 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI-TPS7A8101-Q1_15 Datasheet
1Mb / 29P
TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR,Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI1-TPS7A8101-Q1_16 Datasheet
1Mb / 29P
TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A80 TI1-TPS7A80 Datasheet
1Mb / 31P
Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com