Electronic Components Datasheet Search
  English  ▼

X  

TPS7A80 Datasheet (PDF) - Texas Instruments

TPS7A80 Datasheet PDF - Texas Instruments
Part # TPS7A80
Download  TPS7A80 Download
File Size   1469.8 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A80 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator

TPS7A80 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A80 Datasheet PDF - Texas Instruments

Part # TPS7A80
Download  TPS7A80 Click to download

File Size   1469.8 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A80 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator

TPS7A80 Datasheet (HTML) - Texas Instruments


TPS7A80 Product details

1 Features
1• Low-Dropout 1-A Regulator With Enable
• Adjustable Output Voltages: 0.8 V to 6 V
• Fixed Output Voltages: 0.8 V to 6 V
• Wide-Bandwidth High PSRR:
– 63 dB at 1 kHz
– 57 dB at 100 kHz
– 38 dB at 1 MHz
• Low Noise: (14 × VOUT ) μVRMS Typical (100 Hz to
100 kHz)
• Stable with a 4.7-μF Ceramic Capacitor
• Excellent Load/Line Transient Response
• 3% Overall Accuracy (Over Load/Line/Temp)
• Overcurrent and Overtemperature Protection
• Very Low Dropout: 170 mV Typical at 1 A
• 3-mm × 3-mm VSON-8 DRB Package

2 Applications
• Telecom Infrastructure
• Audio
• High-Speed I/F (PLL/VCO)

3 Description
The TPS7A80 family of low-dropout linear regulators
(LDOs) offer very high power-supply ripple rejection
(PSRR) at the output. This LDO family uses an
advanced BiCMOS process and a PMOSFET pass
device to achieve very low noise, excellent transient
response, and excellent PSRR performance.
The TPS7A80 family is stable with a 4.7-μF ceramic
output capacitor, and uses a precision voltage
reference and feedback loop to achieve a worst-case
accuracy of 3% over all load, line, process, and
temperature variations.
This family is fully specified over the temperature
range of TJ = –40°C to +125°C, and is offered in a 3-
mm × 3-mm, VSON-8 package with a thermal pad.




Similar Part No. - TPS7A80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A80 TI1-TPS7A80 Datasheet
1Mb / 31P
Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8001 TI-TPS7A8001 Datasheet
1Mb / 20P
Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001DRBR TI-TPS7A8001DRBR Datasheet
1Mb / 20P
Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001DRBR TI-TPS7A8001DRBR Datasheet
1Mb / 24P
Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A8001DRBR TI1-TPS7A8001DRBR Datasheet
1Mb / 31P
Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
More results


Similar Description - TPS7A80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A8101 TI1-TPS7A8101 Datasheet
990Kb / 24P
Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001 TI-TPS7A8001_15 Datasheet
1Mb / 28P
TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A8101 TI-TPS7A8101_15 Datasheet
1Mb / 27P
TPS7A8101 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI-TPS7A8101-Q1_15 Datasheet
1Mb / 29P
TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR,Low-Dropout 1-A Linear Regulator
TPS7A8101-Q1 TI1-TPS7A8101-Q1_16 Datasheet
1Mb / 29P
TPS7A8101-Q1 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A80 TI1-TPS7A80 Datasheet
1Mb / 31P
Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com