Electronic Components Datasheet Search
  English  ▼

X  

TPS7A0512PDBVR Datasheet (PDF) - Texas Instruments

TPS7A0512PDBVR Datasheet PDF - Texas Instruments
Part # TPS7A0512PDBVR
Download  TPS7A0512PDBVR Download
File Size   3715.71 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A05 1-μA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package

TPS7A0512PDBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A0512PDBVR Datasheet PDF - Texas Instruments

Part # TPS7A0512PDBVR
Download  TPS7A0512PDBVR Click to download

File Size   3715.71 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A05 1-μA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package

TPS7A0512PDBVR Datasheet (HTML) - Texas Instruments


TPS7A0512PDBVR Product details

1 Features
1• Ultralow IQ: 1 μA (typ), 3 μA (max)
– IGND: 6 μA (typ) at 200 mA
• Excellent transient response
• Packages:
– 1.0-mm × 1.0-mm X2SON (4)
– 0.65-mm × 0.65-mm DSBGA (4)
– SOT-23 (5)
– SOT-23 (3)
• Input voltage range: 1.4 V to 5.5 V
• Output accuracy: 1% typical, 3% maximum
• Available in fixed-output voltage:
– 0.8 V to 3.3 V
• Very low dropout:
– 235 mV (max) at 200 mA (3.3 VOUT)
• Active output discharge
• Foldback current limit
• Stable with a 0.47-μF or larger capacitor

2 Applications
• Wearable electronics
• Ultrabooks, tablets, E-readers
• Always-on power supplies
• Set-top boxes
• Gaming controllers, remote controls, toys, drones
• Wireless handsets and smart phones
• Portable and battery-powered equipment

3 Description
The TPS7A05 is an ultra-small, low quiescent current
low-dropout regulator (LDO) that can source 200 mA
with excellent transient performance. This device has
an output range of 0.8 V to 3.3 V with a typical 1%
accuracy.
The TPS7A05, with ultralow IQ (1 μA), consumes
very-low quiescent current for extending battery life in
battery-powered applications. The device can be
operated from rechargeable Li-Ion batteries, Liprimary
battery chemistries such as Li-SOCl2, Li-
MnO2, as well as two- or three-cell alkaline batteries.
The TPS7A05 is available with an active pulldown
circuit to quickly discharge the output when disabled.
The TPS7A05 is fully specified for TJ = –40°C to
+125°C operation, and is available in standard
X2SON (DQN), SOT-23 (DBV and DBZ), and DSBGA
(YKA) packages.




Similar Part No. - TPS7A0512PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A0512PDBVR TI1-TPS7A0512PDBVR Datasheet
3Mb / 40P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a 1-mm x 1-mm Package
TPS7A0512PDBVR TI1-TPS7A0512PDBVR Datasheet
4Mb / 50P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A0512PDBVR TI1-TPS7A0512PDBVR Datasheet
4Mb / 50P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A0512PDBVR TI1-TPS7A0512PDBVR Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A0512PDBVR TI1-TPS7A0512PDBVR Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
More results


Similar Description - TPS7A0512PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A05 TI1-TPS7A05 Datasheet
511Kb / 24P
1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
TPS7A05_1808 TI1-TPS7A05_1808 Datasheet
4Mb / 50P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05_1810 TI1-TPS7A05_1810 Datasheet
4Mb / 50P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_19 Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05_1905 TI1-TPS7A05_1905 Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V01 Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V02 Datasheet
4Mb / 55P
TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V03 Datasheet
4Mb / 55P
TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V04 Datasheet
4Mb / 55P
TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V05 Datasheet
4Mb / 55P
TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com