Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet (PDF) - Texas Instruments

TPS37 Datasheet PDF - Texas Instruments
Part # TPS37
Download  TPS37 Download
File Size   3375.31 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive

TPS37 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS37 Datasheet PDF - Texas Instruments

Part # TPS37
Download  TPS37 Click to download

File Size   3375.31 Kbytes
Page   47 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive

TPS37 Datasheet (HTML) - Texas Instruments


TPS37 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature TA
– Device HBM ESD classification level 2
– Device CDM ESD classification level C7B
• Functional Safety - Capable
– Documentation available to functional safety
system design
• Wide supply voltage range: 2.7 V to 65 V
• SENSE and RESET pins are 65 V graded
• Low quiescent current: 1 μA (typical)
• Flexible and wide voltage threshold options
Table 11-1
– 2.7 V to 36 V (1.5% maximum accuracy)
– 800 mV option (1% maximum accuracy)
• Built-in hysteresis (VHYS)
– Percentage options: 2% to 13% (1% steps)
– Fixed options: VTH < 8 V = 0.5 V, 1 V, 1.5 V,
2 V, 2.5 V
• Programmable reset time delay
– 10 nF = 12.8 ms, 10 μF = 12.8 s
• Programmable sense time delay
– 10 nF = 1.28 ms, 10 μF = 1.28 s
• Manual Reset (MR) feature
• Output topology: Open-Drain or Push-Pull

2 Applications
• Telematics control unit
• Emergency call system
• Audio amplifier
• Head unit and cluster
• Sensor fusion and cameras
• Body control module

3 Description
The TPS37-Q1 is a 65 V input voltage detector with
1 μA IDD, 1% accuracy, and with a fast 10 μs detection
time. This device can be connected directly to
12 V / 24 V automotive battery system for continuous
monitoring of over (OV) and under (UV) voltage
conditions; with its internal resistor divider, it offers the
smallest total solution size. Wide hysteresis voltage
options are available to ignore cold crank, start-stop
and various car battery voltage transients. Built-in
hysteresis on the SENSE pins prevents false reset
signals when monitoring a supply voltage rail.
The separate VDD and SENSE pins allow
redundancy sought by high-reliability automotive
systems and SENSE can monitor higher and lower
voltages than VDD. Optional use of external resistors
are supported by the high impedance input of the
SENSE pins. CTSx and CTRx pins allow delay
adjustability on the rising and falling edges of the
RESET signals. Also, CTSx functions as a debouncer
by ignoring voltage glitches on the monitored voltage
rails; CTRx operates as a manual reset (MR) that can
be used to force a system reset.
TPS37-Q1 is available in WSON or SOT-23 package.
The WSON package has wettable flanks allowing
the facilitation for Automatic Optical Inspection (AOI)
and low resolution X-ray inspection. The central pad
is non-conductive to increase the creepage between
VDD and GND per guidelines in IEC60664.




Similar Part No. - TPS37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
SEPTEMBER 2021
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37 TI-TPS37 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS37 TI-TPS37 Datasheet
5Mb / 44P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37 TI-TPS37 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
More results


Similar Description - TPS37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
SEPTEMBER 2021
TPS37-Q1 TI-TPS37-Q1 Datasheet
4Mb / 42P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37-Q1 TI-TPS37-Q1_V01 Datasheet
5Mb / 44P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37 TI-TPS37_V01 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS37-Q1 TI-TPS37-Q1_V02 Datasheet
5Mb / 48P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
DECEMBER 2021
TPS37 TI-TPS37_V02 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS38-Q1 TI-TPS38-Q1_V02 Datasheet
4Mb / 53P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
DECEMBER 2021
TPS37-Q1 TI1-TPS37-Q1_V03 Datasheet
3Mb / 45P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
REVISED JULY 2023
TPS37 TI1-TPS37_V03 Datasheet
2Mb / 44P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
REVISED AUGUST 2023
TPS37-Q1 TI-TPS37-Q1_V04 Datasheet
3Mb / 47P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com