Electronic Components Datasheet Search
  English  ▼

X  

1791369 Datasheet (PDF) - PHOENIX CONTACT

1791369 Datasheet PDF - PHOENIX CONTACT
Part # 1791369
Download  1791369 Download
File Size   210.28 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CBL-SC-230UC/31/40A - Installation contactor

1791369 Datasheet (PDF)

Go To PDF Page Download Datasheet
1791369 Datasheet PDF - PHOENIX CONTACT

Part # 1791369
Download  1791369 Click to download

File Size   210.28 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CBL-SC-230UC/31/40A - Installation contactor

1791369 Datasheet (HTML) - PHOENIX CONTACT


1791369 Product details

Installation contactor (Hum-free); input voltage: 230 V AC/220 V DC; contact switching type: 3
N/O contacts, 1 N/C contact; rated current: 40 A




Similar Part No. - 1791369

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1791365 PHOENIX-1791365 Datasheet
210Kb / 7P
CBL-SC-230UC/40/63A - Installation contactor
1791366 PHOENIX-1791366 Datasheet
210Kb / 7P
CBL-SC-230UC/31/63A - Installation contactor
1791367 PHOENIX-1791367 Datasheet
209Kb / 7P
CBL-SC-24UC/31/63A - Installation contactor
1791368 PHOENIX-1791368 Datasheet
209Kb / 7P
CBL-SC-24UC/40/63A - Installation contactor
More results


Similar Description - 1791369

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8910DP42V02 ETC2-8910DP42V02 Datasheet
57Kb / 1P
Definite Purpose Contactor Type DP 40A,
logo
PHOENIX CONTACT
2833880 PHOENIX-2833880 Datasheet
75Kb / 3P
V-120-230UC
1032919 PHOENIX-1032919 Datasheet
182Kb / 4P
Solid-state contactor - ELR 1-SC-24DC/600AC-20
1032920 PHOENIX-1032920 Datasheet
221Kb / 4P
Solid-state contactor - ELR 1-SC-230AC/600AC-20
1032921 PHOENIX-1032921 Datasheet
213Kb / 4P
Solid-state contactor - ELR 1-SC-24DC/600AC-30
1032922 PHOENIX-1032922 Datasheet
220Kb / 4P
Solid-state contactor - ELR 1-SC-230AC/600AC-30
1032926 PHOENIX-1032926 Datasheet
246Kb / 4P
Solid-state contactor - ELR 1-SC-24DC/600AC-50
1032927 PHOENIX-1032927 Datasheet
237Kb / 4P
Solid-state contactor - ELR 1-SC-230AC/600AC-50
logo
Linx Technologies
CSJ-SGFB-CCC-MHF4 LINX-CSJ-SGFB-CCC-MHF4 Datasheet
100Kb / 1P
CBL ASSEMBLY, MHF4 TO FEM. BLKHD SMA, 0.81mm CBL
CSJ-SGFB-100-MHF3 LINX-CSJ-SGFB-100-MHF3 Datasheet
86Kb / 1P
CBL ASSEMBLY, MHF3 TO FEM. BLKHD SMA, 0.81mm CBL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com