Electronic Components Datasheet Search
  English  ▼

X  

TMC9660 Datasheet (PDF) - Analog Devices

TMC9660 Datasheet PDF - Analog Devices
Part # TMC9660_V01
Download  TMC9660 Download
File Size   1443.28 Kbytes
Page   104 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 70V Smart Gate Driver with Servo (FOC) Controller in HW and Buck Converter

TMC9660 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC9660 Datasheet PDF - Analog Devices

Part # TMC9660_V01
Download  TMC9660 Click to download

File Size   1443.28 Kbytes
Page   104 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 70V Smart Gate Driver with Servo (FOC) Controller in HW and Buck Converter

TMC9660 Datasheet (HTML) - Analog Devices


TMC9660 Product details

Features
•Three-Phase Permanent Magnet Synchronous Motors (PMSM)/Brushless DC (BLDC), Two-Phase Stepper Motor, and Brushed DC Motor Support
•7.7V to 70V Single-Supply Operating Voltage Range
•Smart Gate Driver with Adjustable Strength up to 1A/2A Source/Sink
•Field-Oriented Controller/FOC in Hardware for Wide Bandwidth Current Control Loop
•Position, Velocity, and Torque Controller in Hardware for Fast and Precise Control
•8-Point Ramp Generator with Ramp Calculation in Real Time in Hardware
•Fast Space Vector Pulse Width Modulation (SVPWM) Engine (2kHz …100kHz) with 120MHz Clock
•Feedback Position Sensor Support (Hall, ABN, SPI)
•Bottom Shunt Current Measurement (Programmable CSA and ADCs)
•5.8V/600mA Buck Converter
•2x Configurable LDOs (2.5V, 3.3V, or 5V) for Supply of External Circuits with each having 150mA current
•Charge Pump with Voltage Doubler
•Trickle Charge Pump for 100% PWM Duty Cycle
•Integrated Preprogrammed 32-Bit/40MHz Microcontroller Supporting Initial Configuration (OTP) of the Device and Direct Hardware/Register or Parameter Mode Access
•SPI, UART Interfaces for Communication with Main/Application Controller
•Parameter Storage (Optional) in SPI flash memory or I2C EEPROM
•Internal Oscillator with Phase Locked Loop (PLL) and Optional External Crystal or Clock Support
•Watchdog with Separate Internal Oscillator
•Low-Power Hibernation Mode with Wake-Up Button and Timer Support
•Compact Monolithic Solution, 64-Pin, 9mm x 9mm TQFN Package




Similar Part No. - TMC9660_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMC9660ATB+ AD-TMC9660ATB+ Datasheet
2Mb / 101P
70V Smart Gate Driver with Servo (FOC) Controller in HW and Buck Converter
Rev 1; 11/24
TMC9660ATB+T AD-TMC9660ATB+T Datasheet
2Mb / 101P
70V Smart Gate Driver with Servo (FOC) Controller in HW and Buck Converter
Rev 1; 11/24
More results


Similar Description - TMC9660_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33030 ONSEMI-MC33030 Datasheet
322Kb / 16P
DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
logo
Sharp Corporation
LR38826 SHARP-LR38826 Datasheet
134Kb / 1P
TFT-LCD Controller with built-in Gate/Source Driver
logo
ON Semiconductor
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
NCP5383 ONSEMI-NCP5383_1 Datasheet
399Kb / 15P
2 Phase Buck Controller with Integrated Gate Drivers and AVP
December, 2007 - Rev. 3
logo
Texas Instruments
TPS51113 TI-TPS51113 Datasheet
2Mb / 26P
SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
logo
Intersil Corporation
ISL8115 INTERSIL-ISL8115 Datasheet
888Kb / 24P
High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
logo
TRINAMIC Motion Control...
TMC4670 TRINAMIC-TMC4670 Datasheet
4Mb / 102P
Field Oriented Control (FOC) w/ Servo Controller
logo
Renesas Technology Corp
ISL8115 RENESAS-ISL8115 Datasheet
1Mb / 24P
High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
logo
Qorvo, Inc
PAC5524 QORVO-PAC5524 Datasheet
1Mb / 89P
High Pin-Count 70V Motor Controller and Driver for BLDC Motors
Rev. 2.1 2023-05-30
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com