Electronic Components Datasheet Search
  English  ▼

X  

LT8609 Datasheet (PDF) - Analog Devices

LT8609 Datasheet PDF - Analog Devices
Part # LT8609
Download  LT8609 Download
File Size   1770.06 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference

LT8609 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8609 Datasheet PDF - Analog Devices

Part # LT8609
Download  LT8609 Click to download

File Size   1770.06 Kbytes
Page   45 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference

LT8609 Datasheet (HTML) - Analog Devices


LT8609 Product details

FEATURES
 Silent Switcher® 3 Architecture
 Ultra-Low RMS Noise (10Hz to 100kHz): 4μVRMS
 Ultra-Low Spot Noise: 4nV/√Hz at 10kHz
 Ultra-Low EMI Emission s
 Ultra-Fast Transient Response
 <1μs Transient Recovery Time
 High Efficiency at High Frequency
 Up to 94% Efficiency at 2MHz, 12VIN to 5VOUT
 Up to 92% Efficiency at 4MHz, 12VIN to 5VOUT
 Input Voltage Range: 2.8V to 18V
 Output Voltage Range: 0V to (VIN − 0.5V)
 Unity Gain Configuration up to 13V Output
 Maximum Continuous Output Current: 1A
 Fast Minimum Switch On-Time: 13ns
 Adjustable and Synchronizable: 300kHz to 6MHz
 Precision Reference: ±0.6% Over Temperature with
Remote Sense
 Pin Selectable Forced Continuous Mode (FCM) or
Discontinuous Conduction Mode (DCM) During
Operation
 Full Frequency Discontinuous Conduction at Light
Loads in DCM for Higher Efficiency and Predictable
Noise
 Supports Dynamic Output Voltage Control
 Programmable Power Good
 Tiny 15-Lead 3mm × 2mm LFCSP Package
 Pin-to-Pin Compatible Family: LT83201 (1A), LT83203
(3A), LT83205 (5A)




Similar Part No. - LT8609

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8609 LINER-LT8609 Datasheet
622Kb / 8P
42V, 2A Micropower Synchronous Step-Down Regulator
LT8609 LINER-LT8609 Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
LT8609 LINER-LT8609 Datasheet
1Mb / 26P
60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8609 AD-LT8609 Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
LT8609 AD-LT8609 Datasheet
2Mb / 20P
High Efficiency 42V/120mA Synchronous Buck
More results


Similar Description - LT8609

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8644S AD-LT8644S Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LT3935 AD-LT3935 Datasheet
1Mb / 22P
36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LT8622S AD-LT8622S Datasheet
204Kb / 2P
18V, 2A/4A Step-Down Silent Switcher 3 with Ultralow Noise Reference
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com