Electronic Components Datasheet Search
  English  ▼

X  

LM5143 Datasheet (PDF) - Texas Instruments

LM5143 Datasheet PDF - Texas Instruments
Part # LM5143
Download  LM5143 Download
File Size   3682.95 Kbytes
Page   73 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller

LM5143 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5143 Datasheet PDF - Texas Instruments

Part # LM5143
Download  LM5143 Click to download

File Size   3682.95 Kbytes
Page   73 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller

LM5143 Datasheet (HTML) - Texas Instruments


LM5143 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Functional Safety-Compliant options – SIL 2 and
SIL 3 – available through request (LM25137F)
• Dual-channel synchronous buck DC/DC controller
– Wide input voltage range of 4V to 42V
– 1% accurate, fixed 3.3V, 5V, 12V, or adjustable
outputs from 0.8V to 36V
– 150°C maximum junction temperature
– Charge-pump gate drivers for 100% duty cycle
– No-load sleep current of 9μA (typical)
• Two interleaved synchronous buck channels
– Dual channel or single-output multiphase
– Stackable up to four phases
– SYNC in and SYNC out capability
– Selectable light-load PFM or FPWM
• Inherent protection features for robust design
– Internal hiccup-mode overcurrent protection
– Independent ENABLE and PGOOD functions
– Adjustable output voltage soft start
– VCC and gate-drive UVLO protection
– Shunt or inductor DCR current sensing
– Thermal shutdown protection with hysteresis
• Designed for ultra-low EMI requirements
– Dual Random Spread Spectrum (DRSS)
– Switching frequency from 100kHz to 2.64MHz
• VQFN-36 package with wettable flanks
• Create a custom design using the LM25137 with
WEBENCH® Power Designer

2 Applications
• Personal electronics: computer peripherals
• Industrial: 24V bus systems, power delivery
• Enterprise systems: high-performance computing

3 Description
The LM25137 is a 42V synchronous buck DC/DC
controller offered from a family with three options for
functional safety: Capable, SIL 2, and SIL 3. The
device uses an interleaved, stackable, peak currentmode
architecture for easy loop compensation, fast
transient response, excellent load and line regulation,
and accurate current sharing with paralleled phases
for high output current.
A high-side switch minimum on-time of 22ns facilitates
large step-down ratios, enabling the direct conversion
from 12V and 24V inputs to low-voltage rails for
reduced system design cost and complexity. The
LM25137 continues to operate during input voltage
dips as low as 4V, at 100% duty cycle if needed.
The 1.5μA sleep quiescent current with the output
voltage in regulation extends operating run-time in
battery-powered systems.




Similar Part No. - LM5143

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5143 TI-LM5143 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5143 TI-LM5143 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5143 TI-LM5143 Datasheet
4Mb / 70P
LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5143 TI-LM5143 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM5143 TI1-LM5143 Datasheet
3Mb / 60P
LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results


Similar Description - LM5143

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F72820 FINTEK-F72820 Datasheet
508Kb / 18P
Synchronous Buck PWM DC-DC Controller
logo
Analog Intergrations Co...
AIC2573 AIC-AIC2573 Datasheet
373Kb / 13P
Synchronous Buck DC/DC Controller
logo
Texas Instruments
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM25145 TI1-LM25145 Datasheet
2Mb / 62P
6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1 Datasheet
1Mb / 56P
95-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1_18 Datasheet
2Mb / 61P
100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145-Q1 TI-LM5145-Q1 Datasheet
4Mb / 62P
LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146_V01 Datasheet
3Mb / 63P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LV5144 TI1-LV5144 Datasheet
3Mb / 60P
LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com