Electronic Components Datasheet Search
  English  ▼

X  

AOSS62934 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

AOSS62934 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # AOSS62934
Download  AOSS62934 Download
File Size   1419.66 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 100V 3.5A N-Channel MOSFET

AOSS62934 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOSS62934 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # AOSS62934
Download  AOSS62934 Click to download

File Size   1419.66 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 100V 3.5A N-Channel MOSFET

AOSS62934 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


AOSS62934 Product details

General Features
® Vos = 100VIp = 3.54
Rosow <130mQ @ Vas=10V (96m Typ)
Roson <180mQ @ Vos=4.5V (140m Typ)




Similar Part No. - AOSS62934

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOSS21115C AOSMD-AOSS21115C Datasheet
357Kb / 5P
20V P-Channel MOSFET
Rev.1.0: March 2019
AOSS21311C AOSMD-AOSS21311C Datasheet
564Kb / 5P
30V P-Channel MOSFET
Rev.1.2: December 2021
AOSS21319C AOSMD-AOSS21319C Datasheet
327Kb / 5P
30V P-Channel MOSFET
Rev.1.0: August 2019
AOSS32128 AOSMD-AOSS32128 Datasheet
330Kb / 5P
20V N-Channel MOSFET
Rev.1.1: February 2022
AOSS32136C AOSMD-AOSS32136C Datasheet
566Kb / 5P
20V N-Channel MOSFET
Rev.2.0: January 2021
More results


Similar Description - AOSS62934

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF110 INTERSIL-IRFF110 Datasheet
328Kb / 7P
3.5A, 100V, 0.600 Ohm, N-Channel Power MOSFET
March 1999
JANSR2N7410 INTERSIL-JANSR2N7410 Datasheet
45Kb / 8P
3.5A, 100V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
March 1998
logo
International Rectifier
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SGM0410 SECOS-SGM0410 Datasheet
1Mb / 4P
3.5A , 100V , RDS(ON) 170 m N-Channel Enhancement Mode Power MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
logo
Unisonic Technologies
UTT4N10 UTC-UTT4N10 Datasheet
137Kb / 3P
3.5A, 100V N-CHANNEL TRENCHMOS LOGIC LEVEL FET
logo
MagnaChip Semiconductor...
MDD4N60 MGCHIP-MDD4N60 Datasheet
770Kb / 7P
N-Channel MOSFET 600V, 3.5A, 2.0ohm
logo
KIA Semiconductor Techn...
2306 KIA-2306 Datasheet
110Kb / 4P
3.5A竊?30V N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com