Electronic Components Datasheet Search
  English  ▼

X  

BQ25822 Datasheet (PDF) - Texas Instruments

BQ25822 Datasheet PDF - Texas Instruments
Part # BQ25822
Download  BQ25822 Download
File Size   3015.19 Kbytes
Page   79 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25822: Standalone Buck and Boost Backup Supply Controller

BQ25822 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25822 Datasheet PDF - Texas Instruments

Part # BQ25822
Download  BQ25822 Click to download

File Size   3015.19 Kbytes
Page   79 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25822: Standalone Buck and Boost Backup Supply Controller

BQ25822 Datasheet (HTML) - Texas Instruments


BQ25822 Product details

1 Features
• Wide input voltage operating range: 4.4V to 70V
• Wide battery voltage operating range: up-to 70V
with multi-chemistry support:
– 1- to 14-cell Li-ion charge profile
– 1- to 16-cell LiFePO4 charge profile
– Up-to 70V supercapacitor charging
• Synchronous buck charge controller with NFET
drivers
– Adjustable fSW from 200kHz to 600kHz
– Switching frequency dithering for EMI noise
reduction (DRSS)
– Optional synchronization to external clock
– Integrated loop compensation with soft start
– Optional gate driver supply input for optimized
efficiency
• Bidirectional converter operation (Reverse Mode)
supporting USB-PD Extended Power Range (EPR)
– Adjustable input voltage (VAC) regulation from
3.3V to 65V with 20mV/step
– Adjustable input current regulation (RAC_SNS)
from 0.8A to 40A with 100mA/step using 2.5mΩ
resistor
• High accuracy
– ±0.5% charge voltage regulation
– ±3% charge/input current regulation
– ±2% input voltage regulation
• I2C controlled for optimal system performance with
resistor-programmable option
– Hardware adjustable input and output current
limits
• Integrated 16-bit ADC for voltage, current, and
temperature monitoring
• High safety integration
– Adjustable input overvoltage and undervoltage
protection
– Battery overvoltage and overcurrent protection
– Charging safety timer
– Thermal shutdown
• Status outputs
– Input power present status (PG)
– Charger operation status (STAT1, STAT2)
• Package
– 36-pin 5mm × 6mm QFN

2 Applications
• Portable Power Station
• Energy Infrastructure
• Solar Backup Charger

3 Description
The BQ25822 is a wide input voltage, switched-mode
buck Li-Ion, Li-polymer, or LiFePO4 battery charge
controller with bidirectional power flow support.
The device offers high-efficiency battery charging
over a wide voltage range with accurate charge
current and charge voltage regulation, in addition to
automatic charge preconditioning, termination, and
charge status indication. The device integrates all the
loop compensation for the buck converter, thereby
providing a high density solution with ease of use.
In reverse mode, the device draws power from the
battery and regulates the input terminal voltage with
an added constant current loop for protection.
Besides the I2C host-controlled charging mode, the
device also supports standalone charging mode via
resistor programmable limits. Input current, charge
current, and charge voltage regulation targets can be
set via the ILIM_HIZ, ICHG, and FB pins, respectively.




Similar Part No. - BQ25822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25820 TI1-BQ25820 Datasheet
3Mb / 75P
BQ25820: Standalone/I2C Controlled, 1- to 14-Cell Bidirectional Buck Battery Charge Controller with Direct Power Path Control
JULY 2024
BQ25820 TI1-BQ25820 Datasheet
4Mb / 71P
BQ25758A: I2C Controlled, Bidirectional Buck-Boost Controller with Wide Voltage Range
AUGUST 2024
BQ25820 TI1-BQ25820 Datasheet
3Mb / 68P
BQ25758S: I2C Controlled, Bidirectional Buck-Boost Controller
AUGUST 2024
BQ25820RRVR TI1-BQ25820RRVR Datasheet
3Mb / 75P
BQ25820: Standalone/I2C Controlled, 1- to 14-Cell Bidirectional Buck Battery Charge Controller with Direct Power Path Control
JULY 2024
More results


Similar Description - BQ25822

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THV1021E THINE-THV1021E Datasheet
17Kb / 1P
2ch Buck, Boost and Inverting Controller
THV1022E THINE-THV1022E Datasheet
16Kb / 1P
2ch Buck/Boost Controller
THV1031 THINE-THV1031 Datasheet
18Kb / 1P
3ch Buck, Boost and Inverting Controller
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
logo
Rohm
BD8303MUV ROHM-BD8303MUV_15 Datasheet
1Mb / 27P
Synchronous Buck-Boost Controller
logo
Linear Technology
LTC3777 LINER-LTC3777 Datasheet
2Mb / 38P
150V VIN and VOUT Synchronous 4-Switch Buck-Boost Controller Switching Bias Supply
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
Boost/buck-boost DC-DC controller
logo
Maxim Integrated Produc...
MAX20094 MAXIM-MAX20094 Datasheet
1Mb / 32P
Backup Battery Charger and Boost Controller
2020
logo
Texas Instruments
BQ25756 TI1-BQ25756 Datasheet
3Mb / 84P
BQ25756: Standalone/I2C Controlled, 1- to 14-Cell Bidirectional Buck-Boost Battery Charge Controller
AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com