Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet (PDF) - Analog Devices

LT7153SP Datasheet PDF - Analog Devices
Part # LT7153SP_V01
Download  LT7153SP Download
File Size   965.31 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator

LT7153SP Datasheet (PDF)

Go To PDF Page Download Datasheet
LT7153SP Datasheet PDF - Analog Devices

Part # LT7153SP_V01
Download  LT7153SP Click to download

File Size   965.31 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator

LT7153SP Datasheet (HTML) - Analog Devices


LT7153SP Product details

FEATURES
 Silent Switcher®2 Architecture
 Ultralow EMI
 Eliminates PCB Layout Sensitivity
 Internal Bypass Caps Reduce Radiated EMI
 SVIN: 2.7V to 5V; PVIN: 1.5V to 5V
 VOUT: 0.5V to 0.9∙VIN
 Accurate Reference: 0.5V ±0.8% Over Temp
 Integrated N-MOSFETs: 1.8mΩ/0.7mΩ
 15ns Min On-Time: Low Duty Cycle Operation
 Differential VOUT Remote Sense
 Configurable Fixed Output Options
 Programmable Load Line (3 settings)
 Programmable Current Limit (3 settings)
 Programmable, Synchronizable: 400kHz to 5MHz
 User Selectable Discontinuous Mode® (DCM) or
Forced Continuous Mode (FCM) Operation
 Controlled TON, Current Mode: Excellent Transient
 Power Good status, Output Tracking, Clock-Out
 Supports Spread Spectrum Operation
 PolyPhase Operation: 2, 3, 4, 6, 8 or 12 Phases
 36-Lead (4mm x 7mm) Exposed Back LQFN
Package




Similar Part No. - LT7153SP_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT7153SPAV#TRMPBF AD-LT7153SPAV#TRMPBF Datasheet
959Kb / 31P
5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
LT7153SPAV#TRPBF AD-LT7153SPAV#TRPBF Datasheet
959Kb / 31P
5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
More results


Similar Description - LT7153SP_V01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
logo
Analog Devices
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LTC3310S AD-LTC3310S Datasheet
2Mb / 32P
5V, 10A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
03/20-REV.C
LTC3311S AD-LTC3311S Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
LT8644S AD-LT8644S Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LTC3313 AD-LTC3313 Datasheet
1Mb / 28P
5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com