Electronic Components Datasheet Search
  English  ▼

X  

TPS3820 Datasheet (PDF) - Texas Instruments

TPS3820 Datasheet PDF - Texas Instruments
Part # TPS3820
Download  TPS3820 Download
File Size   1130.82 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS382x Voltage Monitor With Watchdog Timer

TPS3820 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3820 Datasheet PDF - Texas Instruments

Part # TPS3820
Download  TPS3820 Click to download

File Size   1130.82 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS382x Voltage Monitor With Watchdog Timer

TPS3820 Datasheet (HTML) - Texas Instruments


TPS3820 Product details

1 Features
• Power-on reset generator with a fixed delay time
of 200ms (TPS3823, TPS3824, TPS3825, and
TPS3828) or 25ms (TPS3820)
• Manual reset input (TPS3820, TPS3823,
TPS3825, and TPS3828)
• Reset output available in active-low (TPS3820,
TPS3823, TPS3824, and TPS3825), active-high
(TPS3824 and TPS3825), and open drain
(TPS3828)
• Supply voltage supervision range:
2.5V, 3V, 3.3V, 5V
• Watchdog timer (TPS3820, TPS3823, TPS3824,
and TPS3828)
• Supply current of 15μA (typical)
• 5-pin SOT-23 package
• Temperature range: −40°C to 85°C (−40°C to
125°C for TPS3823A-33)

2 Applications
• DSPs, microcontrollers, or microprocessors
• Industrial equipment
• Programmable controls
• Portable and battery-powered equipment
• Wireless communications systems
• Notebook and desktop computers

3 Description
The TPS382x family of supervisors provide circuit
initialization and timing supervision, primarily for
DSP and processor-based systems. During power
on, RESET asserts when the supply voltage VDD
becomes greater than 1.1V. Thereafter, the supply
voltage supervisor monitors VDD and keeps RESET
active low as long as VDD remains less than the
threshold voltage, VIT−. An internal timer delays the
return of the output to the inactive state (high) to
make sure proper system reset. The delay time, td,
starts after VDD has risen above the threshold voltage
(VIT− + VHYS). When the supply voltage drops below
the threshold voltage VIT−, the output becomes active
(low) again. No external components are required. All
the devices of this family have a fixed-sense threshold
voltage, VIT–, set by an internal voltage divider. The
TPS382x family also offers watchdog time out options
of 200ms (TPS3820) and 1.6s (TPS3823, TPS3824,
and TPS3828).




Similar Part No. - TPS3820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820 TI-TPS3820 Datasheet
217Kb / 14P
PROCESSOR SUPERVISORY CIRCUITS
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
1Mb / 27P
Voltage Monitor With Watchdog Timer
TPS3820 TI2-TPS3820 Datasheet
986Kb / 24P
TPS382x-xx-Q1 Voltage Monitor With Watchdog Timer
REVISED MARCH 2025
More results


Similar Description - TPS3820

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
Voltage Detector with Watchdog Timer
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
logo
Texas Instruments
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com