Electronic Components Datasheet Search
  English  ▼

X  

TPS3808 Datasheet (PDF) - Texas Instruments

TPS3808 Datasheet PDF - Texas Instruments
Part # TPS3808
Download  TPS3808 Download
File Size   1950.54 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3808 Low-Quiescent-Current, Programmable-Delay Supervisory Circuit

TPS3808 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3808 Datasheet PDF - Texas Instruments

Part # TPS3808
Download  TPS3808 Click to download

File Size   1950.54 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3808 Low-Quiescent-Current, Programmable-Delay Supervisory Circuit

TPS3808 Datasheet (HTML) - Texas Instruments


TPS3808 Product details

1 Features
• Power-on reset generator with adjustable delay
time: 1.25 ms to 10 s
• Very low quiescent current: 2.4 μA typical
• High threshold accuracy: 0.5% typical
• Fixed threshold voltages for standard voltage rails
from 0.9 V to 5 V and adjustable voltage down to
0.4 V are available
• Manual reset ( MR) input
• Open-drain RESET output
• Temperature range: –40°C to 125°C
• Small SOT-23 and 2-mm × 2-mm WSON
packages

2 Applications
• DSP or microcontroller applications
• Notebook and desktop computers
• PDAs and hand-held products
• Portable and battery-powered products
• FPGA and ASIC applications

3 Description
The TPS3808 family of microprocessor supervisory
circuits monitors system voltages from 0.4 V to
5 V, asserting an open-drain RESET signal when
the SENSE voltage drops below a preset threshold
or when the manual reset ( MR) pin drops to a
logic low. The RESET output remains low for the
user-adjustable delay time after the SENSE voltage
and manual reset ( MR) return above the respective
thresholds.
The TPS3808 device uses a precision reference to
achieve 0.5% threshold accuracy for VIT ≤ 3.3 V. The
reset delay time can be set to 20 ms by disconnecting
the CT pin, 300 ms by connecting the CT pin to VDD
using a resistor, or can be user-adjusted between
1.25 ms and 10 s by connecting the CT pin to an
external capacitor. The TPS3808 device has a very
low typical quiescent current of 2.4 μA, so it is wellsuited
to battery-powered applications. It is available
in the SOT-23 and 2-mm × 2-mm WSON packages,
and is fully specified over a temperature range of –
40°C to 125°C (TJ).




Similar Part No. - TPS3808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
545Kb / 21P
Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
486Kb / 18P
Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
689Kb / 20P
Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
680Kb / 21P
Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Similar Description - TPS3808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com