Electronic Components Datasheet Search
  English  ▼

X  

TPS23753APWR Datasheet (PDF) - Texas Instruments

TPS23753APWR Datasheet PDF - Texas Instruments
Part # TPS23753APWR
Download  TPS23753APWR Download
File Size   1514.68 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS23753A IEEE 802.3 PoE Interface and Converter Controller with Enhanced ESD Immunity

TPS23753APWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS23753APWR Datasheet PDF - Texas Instruments

Part # TPS23753APWR
Download  TPS23753APWR Click to download

File Size   1514.68 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS23753A IEEE 802.3 PoE Interface and Converter Controller with Enhanced ESD Immunity

TPS23753APWR Datasheet (HTML) - Texas Instruments


TPS23753APWR Product details

1 Features
• Enhanced ESD ride-through capability
• Optimized for isolated converters
• Complete PoE interface
• Adapter ORing support
• 12-V adapter support
• Programmable frequency with synchronization
• Robust 100-V, 0.7-Ω hotswap MOSFET
• Small 14-Pin TSSOP package
• 15-kV and 8-kV system level ESD capable
• –40°C to 125°C junction temperature range
• Design procedure application note – SLVA305
• Adapter oring application note – SLVA306

2 Applications
• IEEE 802.3at compliant powered devices
• VoIP telephones
• Access points
• Security cameras

3 Description
The TPS23753A is a combined Power over Ethernet
(PoE) powered device (PD) interface and currentmode
DC-DC controller optimized specifically for
isolated converter designs. The PoE implementation
supports the IEEE 802.3at standard as a 13-W, type 1
PD. The requirements for an IEEE 802.3at type 1
device are a superset of IEEE 802.3-2008 (originally
IEEE 802.3af).
The TPS23753A supports a number of input-voltage
ORing options including highest voltage, external
adapter preference, and PoE preference.
The PoE interface features an external detection
signature pin that can also be used to disable the
internal hotswap MOSFET. This allows the PoE
function to be turned off. Classification can be
programmed to any of the defined types with a single
resistor.
The DC-DC controller features a bootstrap start-up
mechanism with an internal, switched current source.
This provides the advantages of cycling overload fault
protection without the constant power loss of a pullup
resistor.
The programmable oscillator may be synchronized to
a higher-frequency external timing reference. The
TPS23753A features improvements for uninterrupted
device operation through an ESD event.




Similar Part No. - TPS23753APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23753APWR TI1-TPS23753APWR Datasheet
858Kb / 30P
IEEE 802.3 PoE INTERFACE AND CONVERTER CONTROLLER WITH ENHANCED ESD IMMUNITY
More results


Similar Description - TPS23753APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23753 TI-TPS23753 Datasheet
835Kb / 27P
IEEE 802.3-2005 PoE INTERFACE AND ISOLATED CONVERTER CONTROLLER
TPS23753A TI1-TPS23753A Datasheet
858Kb / 30P
IEEE 802.3 PoE INTERFACE AND CONVERTER CONTROLLER WITH ENHANCED ESD IMMUNITY
logo
List of Unclassifed Man...
SI3402 ETC2-SI3402 Datasheet
261Kb / 22P
FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Silicon Laboratories
SI3402-C SILABS-SI3402-C Datasheet
596Kb / 21P
FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
logo
Analog Devices
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Skyworks Solutions Inc.
SI3402-C SKYWORKS-SI3402-C Datasheet
1Mb / 21P
FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Revision 0.4 to Revision 1.0
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com