Electronic Components Datasheet Search
  English  ▼

X  

TPS23731 Datasheet (PDF) - Texas Instruments

TPS23731 Datasheet PDF - Texas Instruments
Part # TPS23731
Download  TPS23731 Download
File Size   1914.5 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller

TPS23731 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS23731 Datasheet PDF - Texas Instruments

Part # TPS23731
Download  TPS23731 Click to download

File Size   1914.5 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller

TPS23731 Datasheet (HTML) - Texas Instruments


TPS23731 Product details

1 Features
• Complete IEEE 802.3bt Type 3 (Class 1-6) PoE
PD Solution
– EA Gen 2 logo-ready (PoE 2 PD Controller)
– Robust 100-V, 0.3-Ω (typ) Hotswap MOSFET
– Supports power levels for up to 60-W operation
– Allocated power indicator outputs - parallel or
serial encoding selectable
• Integrated PWM controller for flyback or Active
Clamp Forward configuration
– Flyback control with primary-side regulation
• Supports CCM operation
• ±1.5% (typ, 5-V output) load regulation
(0-100% load range) — with Sync FET
– Also supports secondary-side regulation
– Soft-start control with advanced startup and
hiccup mode overload protection
– Soft-stop shutdown
– Adjustable frequency with synchronization
– Programmable frequency dithering for EMI
• Automatic Maintain Power Signature (MPS)
– Auto-adjust to PSE type and load current with
auto-stretch
• Primary adapter priority input
• –40°C to 125°C junction temperature range

2 Applications
• Video and VoIP Telephones
• Access Points
• Pass-through System
• Security Cameras
• Redundant Power Feeds or Power Sharing

3 Description
The TPS23730 device combines a Power over
Ethernet (PoE) powered device (PD) interface, and a
current-mode DC-DC controller optimized for flyback
and active clamp forward (ACF) switching regulator
designs . In the case of flyback configuration, the use
of primary-side regulation (PSR) is supported. The
PoE interface supports the IEEE 802.3bt standard for
applications needing up to 51 W or less at PD input.
Programmable spread spectrum frequency dithering
(SSFD) is provided to minimize the size and cost of
EMI filter. Advanced Startup with adjustable soft-start
helps to use minimal bias capacitor while simplifying
converter startup and hiccup design, also ensuring
that IEEE 802.3bt startup requirements are met.
The soft-stop feature minimizes stress on switching
power FETs , allowing FET BOM cost reduction.
The PSR feature of the DC-DC controller uses
feedback from an auxiliary winding for control of
the output voltage, eliminating the need for external
shunt regulator and optocoupler. It is optimized
for continuous conduction mode (CCM), and can
work with secondary side synchronous rectification,
resulting in optimum efficiency, regulation accuracy
and step load response over multiple outputs.
The DC-DC controller features slope compensation
and blanking. Typical switching frequency is 250 kHz.
The automatic MPS enables applications with low
power modes or multiple power feeds. It automatically
adjusts its pulsed current amplitude and duration
according to PSE Type and system conditions, to
maintain power while minimizing consumption.




Similar Part No. - TPS23731

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23731 TI-TPS23731 Datasheet
2Mb / 53P
TPS23731 IEEE 802.3bt Type 3 Class 1-4 PoE PD with No-Opto Flyback DC-DC Controller
TPS23731RMTR TI-TPS23731RMTR Datasheet
2Mb / 53P
TPS23731 IEEE 802.3bt Type 3 Class 1-4 PoE PD with No-Opto Flyback DC-DC Controller
More results


Similar Description - TPS23731

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23751 TI1-TPS23751 Datasheet
336Kb / 7P
IEEE 802.3at PoE Interface with Wide Range High Efficiency DC/DC Controller
TPS23785B TI-TPS23785B Datasheet
1Mb / 47P
High-Power, High-Efficiency PoE PD and DC-to-DC Controller
TPS23751 TI1-TPS23751_14 Datasheet
1Mb / 47P
IEEE 802.3at PoE Interface with Wide Range High Efficiency DC-DC Controller
TPS23755 TI1-TPS23755 Datasheet
3Mb / 43P
IEEE 802.3at PoE PD with No-Opto Flyback DC-DC Controller
TPS23730 TI1-TPS23730 Datasheet
1Mb / 53P
TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
TPS23734 TI1-TPS23734 Datasheet
1Mb / 48P
TPS23734 IEEE 802.3bt Type 3 Class 1-4 PoE PD with High Efficiency DC-DC Controller
TPS23731 TI-TPS23731 Datasheet
2Mb / 53P
TPS23731 IEEE 802.3bt Type 3 Class 1-4 PoE PD with No-Opto Flyback DC-DC Controller
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com