Electronic Components Datasheet Search
  English  ▼

X  

TPS22954 Datasheet (PDF) - Texas Instruments

TPS22954 Datasheet PDF - Texas Instruments
Part # TPS22954
Download  TPS22954 Download
File Size   2205.68 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch

TPS22954 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22954 Datasheet PDF - Texas Instruments

Part # TPS22954
Download  TPS22954 Click to download

File Size   2205.68 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2295x 5.7 V, 5 A, 14 mΩ On-Resistance Load Switch

TPS22954 Datasheet (HTML) - Texas Instruments


TPS22954 Product details

1 Features
1• Integrated Single Channel Load Switch
• Input Voltage Range: 0.7 V to 5.7 V
• RON Resistance
– RON = 14 mΩ at VIN = 5 V (VBIAS = 5 V)
• 5-A Maximum Continuous Switch Current
• Adjustable Undervoltage Lockout Threshold
(UVLO)
• Adjustable Voltage Supervisor with
Power Good (PG) Indicator
• Adjustable Output Slew Rate Control
• Enhanced Quick Output Discharge Remains
Active after Power is Removed (TPS22954 Only)
– 15 Ω (Typ) Discharges 100 μF Within 10 ms
• Reverse Current Blocking when Disabled
(TPS22953 Only)
• Automatic Restart after Supervisor Fault Detection
When Enabled
• Thermal Shutdown
• Low Quiescent Current ≤ 50 μA
• SON 10-pin Package with Thermal Pad
• ESD Performance Tested Per JESD 22
– 2-kV HBM and 750-V CDM

2 Applications
• Solid State Drives
• Embedded and Industrial PC
• Ultrabook™ and Notebooks
• Desktops
• Servers
• Telecom Systems

3 Description
The TPS22953/54 are small, single channel load
switches with controlled turn on. The devices contain
a N-channel MOSFET that can operate over an input
voltage range of 0.7 V to 5.7 V and can support a
maximum continuous current of 5 A.
The integrated adjustable undervoltage lockout
(UVLO) and adjustable power good (PG) threshold
provides voltage monitoring as well as robust power
sequencing. The adjustable rise time control of the
device greatly reduces inrush current for a wide
variety of bulk load capacitances, thereby reducing or
eliminating power supply droop. The switch is
independently controlled by an on and off input (EN),
which is capable of interfacing directly with lowvoltage
control signals. A 15-Ω on-chip load is
integrated into the device for a quick discharge of the
output when switch is disabled. The enhanced Quick
Output Discharge (QOD) remains active for short time
after power is removed from the device to finish
discharging the output.
The TPS22953/54 are available in small, spacesaving
10-SON packages with integrated thermal pad
allowing for high power dissipation. The device is
characterized for operation over the free-air
temperature range of –40°C to +105°C.




Similar Part No. - TPS22954

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22954 TI-TPS22954 Datasheet
3Mb / 47P
TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22954 TI-TPS22954 Datasheet
2Mb / 44P
TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22954-Q1 TI-TPS22954-Q1 Datasheet
3Mb / 47P
TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22954-Q1 TI-TPS22954-Q1 Datasheet
2Mb / 44P
TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
More results


Similar Description - TPS22954

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com