Electronic Components Datasheet Search
  English  ▼

X  

TPS3431 Datasheet (PDF) - Texas Instruments

TPS3431 Datasheet PDF - Texas Instruments
Part # TPS3431
Download  TPS3431 Download
File Size   1704.36 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3431 Standard Programmable Watchdog Timer with Enable

TPS3431 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3431 Datasheet PDF - Texas Instruments

Part # TPS3431
Download  TPS3431 Click to download

File Size   1704.36 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3431 Standard Programmable Watchdog Timer with Enable

TPS3431 Datasheet (HTML) - Texas Instruments


TPS3431 Product details

1 Features
• Factory-programmed precision watchdog timers:
– ±2.5% Accurate watchdog timeout (WDT)
typical at 25°C
• Watchdog disable feature
• User-programmable watchdog timeout
• Input voltage range: VDD = 1.8 V to 6.5 V
• Low quiescent current: IDD = 10 μA (typical)
• Active-low open-drain output
• Enable input (EN) and enable output (ENOUT)
• Available in a small 3-mm × 3-mm, 8-pin VSON
package
• Junction operating temperature range:
–40°C to +125°C

2 Applications
• Cellular module asset tracker
• Energy storage power conversion system (PCS)
• Electricity meter
• Motion detector (PIR, uWave, etc.)
• IP network camera
• Surgical equipment

3 Description
The TPS3431 is a standard programmable watchdog
timer with an enable feature for a wide variety of
applications. The watchdog timeout features a 15%
accuracy, high-precision timing (–40°C to +125°C)
and 2.5% typical at 25°C. The watchdog timeout can
be programmed either by an external capacitor, or
by factory-programmed default delay settings. The
watchdog can be disabled via the Enable pin or the
SET logic pins to avoid undesired watchdog timeouts
during the development process.
The TPS3431 is available in a small 3.00-mm ×
3.00-mm, 8-pin VSON package.




Similar Part No. - TPS3431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
Standard Programmable Watchdog Timer with Enable
TPS3431 TI1-TPS3431 Datasheet
944Kb / 28P
Automotive Standard Programmable Watchdog Timer with Enable
TPS3431-Q1 TI1-TPS3431-Q1 Datasheet
1Mb / 30P
Standard Programmable Watchdog Timer with Enable
TPS3431-Q1 TI1-TPS3431-Q1 Datasheet
944Kb / 28P
Automotive Standard Programmable Watchdog Timer with Enable
TPS3431SDRBR TI1-TPS3431SDRBR Datasheet
1Mb / 30P
Standard Programmable Watchdog Timer with Enable
More results


Similar Description - TPS3431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
Programmable watchdog timer
18-Sep-2013
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
Standard Programmable Watchdog Timer with Enable
TPS3431-Q1 TI1-TPS3431-Q1 Datasheet
944Kb / 28P
Automotive Standard Programmable Watchdog Timer with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com