Electronic Components Datasheet Search
  English  ▼

X  

TPS26620 Datasheet (PDF) - Texas Instruments

TPS26620 Datasheet PDF - Texas Instruments
Part # TPS26620
Download  TPS26620 Download
File Size   4214.25 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2662x 60-V, 800-mA Industrial eFuse With Integrated Input and Output Reverse Polarity Protection

TPS26620 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS26620 Datasheet PDF - Texas Instruments

Part # TPS26620
Download  TPS26620 Click to download

File Size   4214.25 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2662x 60-V, 800-mA Industrial eFuse With Integrated Input and Output Reverse Polarity Protection

TPS26620 Datasheet (HTML) - Texas Instruments


TPS26620 Product details

1 Features
• 4.5-V to 60-V operating voltage,
62-V absolute maximum
• Integrated reverse input polarity protection to
–60 V
• Integrated reverse output polarity protection to
– (60 – VIN) (TPS26624 and TPS26625 only)
• Integrated back to back MOSFETs with 478-mΩ
total RON
• 25-mA to 880-mA adjustable current limit
(±5% accuracy at 880 mA)
• Load protection during surge (IEC 61000-4-5) with
minimum external components
• Electrical fast transients immunity according to IEC
61000-4-4
• Fast reverse current blocking response (0.3 μs)
• Adjustable UVLO, OVP cut off,
output slew rate control for inrush current limiting
• Fixed 38-V overvoltage clamp
(TPS26622 and TPS26623 only)
• Low quiescent current, 340 μA in operating,
12 μA in shutdown
• Small foot print – 10L (3 mm × 3 mm) VSON
• UL 2367 recognized
– File No. 169910
– RILIM ≥ 7.5 kΩ (0.91-A maximum )
• IEC 62368-1 certified

2 Applications
• PLC I/O modules
• AC and servo drives
• Sensor and controls
• Thermostat
• PoE highside protection

3 Description
The TPS2662x family are compact, feature rich high
voltage eFuses with a full suite of protection features.
The wide supply input range of 4.5 V to 60 V
allows control of many popular DC bus voltages.
The device can withstand and protect the loads from
positive and negative supply voltages up to ±60 V.
The TPS26624 and TPS26625 devices support both
input as well as output reverse polarity protection
feature. Integrated back to back FETs provide reverse
current blocking feature making the device suitable
for systems with output voltage holdup requirements
during power fail and brownout conditions. Load,
source and device protection are provided with many
adjustable features including overcurrent, output slew
rate and overvoltage, undervoltage thresholds. The
internal robust protection control blocks along with the
high voltage rating of the TPS2662x family helps to
simplify the system designs for Surge protection.
The TPS26620, TPS26622 and TPS26624 feature
latch-off and TPS26621, TPS26623 and TPS26625
feature auto-retry functionality, which are the
overtemperature and overcurrent fault events.
The devices are available in a 3 mm × 3 mm 10-pin
SON package and are specified over a –40°C to
+125°C temperature range.




Similar Part No. - TPS26620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS26620 TI1-TPS26620 Datasheet
185Kb / 5P
60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS26620 TI1-TPS26620 Datasheet
1Mb / 29P
60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS26620 TI1-TPS26620 Datasheet
4Mb / 46P
60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
TPS26620DRCR TI1-TPS26620DRCR Datasheet
4Mb / 46P
60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
TPS26620DRCT TI1-TPS26620DRCT Datasheet
4Mb / 46P
60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
More results


Similar Description - TPS26620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2660 TI1-TPS2660 Datasheet
3Mb / 45P
TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2660 TI1-TPS2660_17 Datasheet
3Mb / 49P
60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2662 TI1-TPS2662 Datasheet
185Kb / 5P
60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662_1808 TI1-TPS2662_1808 Datasheet
4Mb / 46P
60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2640 TI-TPS2640 Datasheet
5Mb / 54P
TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com